Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-28
Freescale Semiconductor
Core Configuration
4.7 DMA Control Registers 5–0 (DCR[5–0])
The DMA Control Registers (DCR[5–0]) are read/write registers that control the DMA operation
for each of their respective channels. All DCR bits are cleared during processor reset.
Figure 4-9. DMA Control Register (DCR)
1–0
BAT
0
Bus Access Type
Read/write bits that define the type of external memory (DRAM or SRAM) to access for the
area defined by the BAC[11–0],BYEN, BXEN, and BPEN bits. The encoding of BAT[1–0] is:
00 = Reserved
01 = SRAM access
10 = DRAM access
11 = Reserved
When the external access type is defined as a DRAM access (BAT[1–0] = 10), AA/RAS acts
as a Row Address Strobe (RAS) signal. Otherwise, it acts as an Address Attribute signal.
External accesses to the default area always execute as if BAT[1–0] = 01 (that is, SRAM
access). If Port A is used for external accesses, the BAT bits in the AAR3–0 registers must
be initialized to the SRAM access type (that is, BAT = 01) or to the DRAM access type (that
is BAT = 10). To ensure proper operation of Port A, this initialization must occur even for an
AAR register that is not used during any Port A access. Note that at reset, the BAT bits are
initialized to 00.
Table 4-11. DMA Control Register (DCR) Bit Definitions
Bit
Number
Bit Name
Reset
Value
Description
23
DE
0
DMA Channel Enable
Enables the channel operation. Setting DE either triggers a single block DMA transfer in the
DMA transfer mode that uses DE as a trigger or enables a single-block, single-line, or
single-word DMA transfer in the transfer modes that use a requesting device as a trigger.
DE is cleared by the end of DMA transfer in some of the transfer modes defined by the DTM
bits. If software explicitly clears DE during a DMA operation, the channel operation stops
only after the current DMA transfer completes (that is, the current word is stored into the
destination).
22
DIE
0
DMA Interrupt Enable
Generates a DMA interrupt at the end of a DMA block transfer after the counter is loaded
with its preloaded value. A DMA interrupt is also generated when software explicitly clears
DE during a DMA operation. Once asserted, a DMA interrupt request can be cleared only
by the service of a DMA interrupt routine. To ensure that a new interrupt request is not
generated, clear DIE while the DMA interrupt is serviced and before a new DMA request is
generated at the end of a DMA block transfer—that is, at the beginning of the DMA channel
interrupt service routine. When DIE is cleared, the DMA interrupt is disabled.
Table 4-10. Address Attribute Registers (AAR[0–3]) Bit Definitions
Bit
Number
Bit Name
Reset
Value
Description
23
22
21
20
19
18
17
16
15
14
13
12
DE
DIE
DTM2
DTM1
DTM0
DPR1
DPR0
DCON
DRS4
DRS3
DRS2
DRS1
11
10
9876543210
DRS0
D3D
DAM5
DAM4
DAM3
DAM2
DAM1
DAM0
DDS1
DDS0
DSS1
DSS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com