Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 292 page
background image
Operating Modes
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-5
D
110
1
$FF0000
HI08 bootstrap in HC11 nonmultiplexed mode
The bootstrap program sets the host interface to interface with
the Freescale HC11 microcontroller through the HI08. The
HOST HC11 bootstrap code expects to read a 24-bit word
specifying the number of program words, a 24-bit word
specifying the address to start loading the program words and
then a 24-bit word for each program word to be loaded. The
program words are stored in contiguous PRAM memory
locations starting at the specified starting address. After reading
the program words, program execution starts from the same
address where loading started. The Host Interface bootstrap
load program may be stopped by setting the Host Flag 0 (HF0).
This starts execution of the loaded program from the specified
starting address.
E
111
0
$FF0000
HI08 bootstrap in 8051 multiplexed bus mode
The bootstrap program sets the host interface to interface with
the Intel 8051 bus through the HI08. The HI08 pin configuration
is optimized for connection to the Intel 8051 multiplexed bus, in
double-strobe pin configuration. The HOST 8051 bootstrap code
expects accesses that are byte wide. The HOST 8051 bootstrap
code expects to read 3 bytes forming a 24-bit word specifying
the number of program words, 3 bytes forming a 24-bit word
specifying the address to start loading the program words and
then 3 bytes forming 24-bit words for each program word to be
loaded. The program words are stored in contiguous PRAM
memory locations starting at the specified starting address. After
reading the program words, program execution starts from the
same address where loading started. The Host Interface
bootstrap load program may be stopped by setting the Host Flag
0 (HF0). This starts execution of the loaded program from the
specified starting address. The base address of the HI08 in
multiplexed mode is 0x80 and is not modified by the bootstrap
code. All the address lines are enabled and should be connected
accordingly.
F
111
1
$FF0000
HI08 bootstrap in MC68302 bus mode
The bootstrap program loads the program RAM from the Host
Interface programmed to operate in the MC68302 bus mode, in
single-strobe pin configuration. The HOST MC68302 bootstrap
code expects accesses that are byte wide. The HOST MC68302
bootstrap code expects to read 3 bytes forming a 24-bit word
specifying the number of program words, 3 bytes forming a
24-bit word specifying the address to start loading the program
words and then 3 bytes forming 24-bit words for each program
word to be loaded. The program words are stored in contiguous
PRAM memory locations starting at the specified starting
address. After reading the program words, program execution
starts from the same address where loading started. The Host
Interface bootstrap load program may be stopped by setting the
Host Flag 0 (HF0). This starts execution of the loaded program
from the specified starting address.
Table 4-1. DSP56303 Operating Modes (Continued)
Mode
MODD
MODC
MODB
MODA
Reset
Vector
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com