Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-12
Freescale Semiconductor
Core Configuration
4.3.2 Operating Mode Register (OMR)
The OMR is a read/write register divided into three byte-sized units. The lowest two bytes (EOM
and COM) control the chip’s operating mode. The high byte (SCS) controls and monitors the
stack extension. The OMR control bits are shown in Figure 4-2.
The Enhanced Operating Mode (EOM) and Chip Operating Mode (COM) bytes are affected only
by processor reset and by instructions directly referencing the OMR (that is, ANDI, ORI, and
other instructions, such as MOVEC, that specify OMR as a destination). The Stack
Control/Status (SCS) byte is referenced implicitly by some instructions, such as DO, JSR, and
RTI, or directly by the MOVEC instruction. During processor reset, the chip operating mode bits
(MD, MC, MB, and MA) are loaded from the external mode select pins MODD, MODC,
MODB, and MODA respectively. Table 4-3 defines the DSP56303 OMR bits.
Stack Control/Status (SCS)
Extended Operating Mode (EOM)
Chip Operating Mode (COM)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SEN WRP EOV EUN XYS ATE APD ABE BRT TAS BE CDP[1–0]
MS
SD
EBD MD MC MB MA
Reset:
000
00000
0
0
0
0
0
0
1
1
0
0
0
0
**
**
*
After reset, these bits reflect the corresponding value of the mode input (that is, MODD, MODC, MODB, or MODA,
respectively).
Reserved bit. Read as zero; write to zero for future compatibility
Figure 4-2. Operating Mode Register (OMR)
Table 4-3. Operating Mode Register (OMR) Bit Definitions
Bit Number
Bit Name
Reset Value
Description
23–21
0
Reserved. Write to 0 for future compatibility.
20
SEN
0
Stack Extension Enable
Enables/disables the stack extension in data memory. If the SEN bit is set,
the extension is enabled. Hardware reset clears this bit, so the default out of
reset is a disabled stack extension.
19
WRP
0
Stack Extension Wrap Flag
Set when copying from the internal hardware stack (System Stack Register
file) to the stack extension memory begins. You can use this flag during the
debugging phase of the software development to evaluate and increase the
speed of software-implemented algorithms. The WRP flag is a sticky bit (that
is, cleared only by hardware reset or by an explicit MOVEC operation to the
OMR).
18
EOV
0
Stack Extension Overflow Flag
Set when a stack overflow occurs in Stack Extended mode. Extended stack
overflow is recognized when a push operation is requested while SP = SZ
(Stack Size register), and the Extended mode is enabled by the SEN bit. The
EOV flag is a sticky bit (that is, cleared only by hardware reset or by an
explicit MOVEC operation to the OMR). The transition of the EOV flag from
zero to one causes a Priority Level 3 (Non-maskable) stack error exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com