Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 292 page
background image
Bus Interface Unit (BIU) Registers
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-25
12
BME
0
Bus Mastership Enable
Enables/disables interface to a local DRAM for the DSP. When BME is cleared, the RAS
and CAS pins are tri-stated when mastership is lost. Therefore, you must connect an
external pull-up resistor to these pins. In this case (BME = 0), the DSP DRAM controller
assumes a page fault each time the mastership is lost. A DRAM refresh requires a bus
mastership. If the BME bit is set, the RAS and CAS pins are always driven from the DSP.
Therefore, DRAM refresh can be performed, even if the DSP is not the bus master.
11
BPLE
0
Bus Page Logic Enable
Enables/disables the in-page identifying logic. When BPLE is set, it enables the page
logic (the page size is defined by BPS[1–0] bits). Each in-page identification causes the
DRAM controller to drive only the column address (and the associated CAS signal). When
BPLE is cleared, the page logic is disabled, and the DRAM controller always accesses the
external DRAM in out-of-page accesses (for example, row address with RAS assertion
and then column address with CAS assertion). This mode is useful for low power
dissipation. Only one in-page identifying logic exists. Therefore, during switches from one
DRAM external bank to another DRAM bank (the DRAM external banks are defined by
the access type bits in the AARs, different external banks are accessed through different
AA/RAS pins), a page fault occurs.
10
0
Reserved. Write to zero for future compatibility.
9–8
BPS
0
Bus DRAM Page Size
Defines the size of the external DRAM page and thus the number of the column address
bits. The internal page mechanism works according to these bits only if the page logic is
enabled (by the BPLE bit). The four combinations of BPS[1–0] enable the use of many
DRAM sizes (1 M bit, 4 M bit, 16 M bit, and 64 M bit). The encoding of BPS[1–0] is:
00 = 9-bit column width, 512 words
01 = 10-bit column width, 1 K words
10 = 11-bit column width, 2 K words
11 = 12-bit column width, 4 K words
When the row address is driven, all 24 bits of the external address bus are driven [for
example, if BPS[1–0] = 01, when driving the row address, the 14 MSBs of the internal
address (XAB, YAB, PAB, or DAB) are driven on address lines A[0–13], and the address
lines A[14–23] are driven with the 10 MSBs of the internal address. This method enables
the use of different DRAMs with the same page size.
7–4
0
Reserved. Write to zero for future compatibility.
3–2
BRW
0
Bus Row Out-of-page Wait States
Defines the number of wait states that should be inserted into each DRAM out-of-page
access. The encoding of BRW[1–0] is:
00 = 4 wait states for each out-of-page access
01 = 8 wait states for each out-of-page access
10 = 11 wait states for each out-of-page access
11 = 15 wait states for each out-of-page access
1–0
BCW
0
Bus Column In-Page Wait State
Defines the number of wait states to insert for each DRAM in-page access. The encoding
of BCW[1–0] is:
00 = 1 wait state for each in-page access
01 = 2 wait states for each in-page access
10 = 3 wait states for each in-page access
11 = 4 wait states for each in-page access
Table 4-9. DRAM Control Register (DCR) Bit Definitions (Continued)
Bit
Number
Bit Name
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com