Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 292 page
background image
Bus Interface Unit (BIU) Registers
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-23
4.6.2 DRAM Control Register (DCR)
The DRAM controller is an efficient interface to dynamic RAM devices in both random
read/write cycles and Fast Access mode (Page mode). An internal DRAM controller controls the
page hit circuit, the address multiplexing (row address and column address), the control signal
generation (CAS and RAS) and the refresh access generation (CAS before RAS) for a variety of
DRAM module sizes and access times. The internal DRAM controller configuration is
determined by the DRAM Control Register (DCR). The DRAM Control Register (DCR) is a
24-bit read/write register that controls and configures the external DRAM accesses. The DCR
bits are shown in Figure 4-7.
Note:
To prevent improper device operation, you must guarantee that all the DCR bits except
BSTR are not changed during a DRAM access.
9–5
BA1W[4–0]
11111
(31 wait
states)
Bus Area 1 Wait State Control
Defines the number of wait states (one through 31) inserted into each external
SRAM access to Area 1 (DRAM accesses are not affected by these bits). Area 1 is
the area defined by AAR1.
Note:
Do not program the value of these bits as zero, since SRAM memory
access requires at least one wait state.
When four through seven wait states are selected, one additional wait state is
inserted at the end of the access. When selecting eight or more wait states, two
additional wait states are inserted at the end of the access. These trailing wait
states increase the data hold time and the memory release time and do not
increase the memory access time.
4–0
BA0W
11111
(31 wait
states)
Bus Area 0 Wait State Control
Defines the number of wait states (one through 31) inserted in each external SRAM
access to Area 0 (DRAM accesses are not affected by these bits). Area 0 is the
area defined by AAR0.
Note:
Do not program the value of these bits as zero, since SRAM memory
access requires at least one wait state.
When selecting four through seven wait states, one additional wait state is inserted
at the end of the access. When selecting eight or more wait states, two additional
wait states are inserted at the end of the access. These trailing wait states increase
the data hold time and the memory release time and do not increase the memory
access time.
Table 4-8. Bus Control Register (BCR) Bit Definitions (Continued)
Bit
Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com