Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
5-2
Freescale Semiconductor
Programming the Peripherals
contents of the internal X I/O memory space are listed in Appendix B, Programming Reference,
Table B-2.
5.3 Reading Status Registers
Each peripheral has a read-only status register that indicate the state of the peripheral at a given
time. The HI08, ESSI, and SCI have dedicated status registers. The triple timer has status bits
embedded within a control/status register. Changes in the status bits can generate interrupt
conditions. For example, the HI08 has a host status register with two host flag bits that can be
encoded by the host to generate an interrupt in the DSP.
5.4 Data Transfer Methods
Peripheral I/O on the DSP56303 can be accomplished in three ways:
„ Polling
„ Interrupts
„ DMA
Figure 5-1. Memory Mapping of Peripherals Control Registers
X-Data Memory
Internal I/O
External
Internal
Reserved
External
Internal
X-Data RAM
2 K (default)
$FFFFFF
$FFFF80
$FFF000
$FF0000
$000800
$000000
Peripherals Control Registers
Memory Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com