Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 292 page
background image
Host Interface (HI08)
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
2-11
HA2
HA9
PB10
Input
Input
Input or
Output
Ignored input
Host Address Input 2
When the HI08 is programmed to interface with a non-multiplexed host
bus and the HI function is selected, this signal is line 2 of the Host
Address bus.
Host Address 9
When the HI08 is programmed to interface with a multiplexed host bus
and the HI function is selected, this signal is line 9 of the Host Address
bus.
Port B 10
When the HI08 is configured as GPIO through the HPCR, this signal is
individually programmed through the HDDR. This input is 5 V tolerant.
HRW
HRD/HRD
PB11
Input
Input
Input or
Output
Ignored input
Host Read/Write
When the HI08 is programmed to interface with a single-data-strobe host
bus and the HI function is selected, this signal is the Host Read/Write
input.
Host Read Data
When the HI08 is programmed to interface with a double-data-strobe host
bus and the HI function is selected, this signal is the Host Read Data
strobe (HRD) Schmitt-trigger input. The polarity of the data strobe is
programmable, but is configured as active-low (HRD) after reset.
Port B 11
When the HI08 is configured as GPIO through the HPCR, this signal is
individually programmed through the HDDR. This input is 5 V tolerant.
HDS/HDS
HWR/HWR
PB12
Input
Input
Input or
Output
Ignored input
Host Data Strobe
When the HI08 is programmed to interface with a single-data-strobe host
bus and the HI function is selected, this signal is the Host Data Strobe
(HDS) Schmitt-trigger input. The polarity of the data strobe is
programmable, but is configured as active-low (HDS) following reset.
Host Write Data
When the HI08 is programmed to interface with a double-data-strobe host
bus and the HI function is selected, this signal is the Host Write Data
Strobe (HWR) Schmitt-trigger input. The polarity of the data strobe is
programmable, but is configured as active-low (HWR) following reset.
Port B 12
When the HI08 is configured as GPIO through the HPCR, this signal is
individually programmed through the HDDR. This input is 5 V tolerant.
Table 2-11. Host Interface (Continued)
Signal Name
Type
State During
Reset1,2
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com