Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 292 page
background image
Central Processor Unit (CPU) Registers
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-11
5E1
Extension
Cleared if all the bits of the integer portion of the 56-bit result are all ones or all
zeros; otherwise, this bit is set. The Scaling mode defines the integer portion.
If the E bit is cleared, then the low-order fraction portion contains all the
significant bits; the high-order integer portion is sign extension. In this case,
the accumulator extension register can be ignored. If the E bit is set, it
indicates that the accumulator extension register is in use.
S1
S0
Scaling Mode
Integer Portion
0
0
No scaling
Bits 55–47
0
1
Scale down
Bits 55–48
1
0
Scale up
Bits 5–46
1
1
Reserved
Undefined
4U0
Unnormalized
Set if the two MSBs of the Most Significant Portion (MSP) of the result are
identical; otherwise, this bit is cleared. The MSP portion of the A or B
accumulators is defined by the Scaling mode.
S1
S0
Scaling Mode
Integer Portion
0
0
No scaling
U = (Bit 47 XOR Bit
46)
0
1
Scale down
U = (Bit 48 XOR Bit
47)
1
0
Scale up
U = (Bit 46 XOR Bit
45)
1
1
Reserved
U undefined
3N0
Negative
Set if the MSB of the result is set; otherwise, this bit is cleared.
2Z0
Zero
Set if the result equals zero; otherwise, this bit is cleared.
1V0
Overflow
Set if an arithmetic overflow occurs in the 56-bit result; otherwise, this bit is
cleared. V indicates that the result cannot be represented in the accumulator
register (that is, the register overflowed). In Arithmetic Saturation mode, an
arithmetic overflow occurs if the Data ALU result is not representable in the
accumulator without the extension part (that is, 48-bit accumulator or the
32-bit accumulator in Arithmetic Sixteen-bit mode).
0C0
Carry
Set if a carry is generated by the MSB resulting from an addition operation.
This bit is also set if a borrow is generated in a subtraction operation;
otherwise, this bit is cleared. The carry or borrow is generated from Bit 55 of
the result. The C bit is also affected by bit manipulation, rotate, and shift
instructions.
Table 4-2. Status Register Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com