Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 292 page
background image
Bus Interface Unit (BIU) Registers
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-27
7
BPAC
0
Bus Packing Enable
Enables/disables the internal packing/unpacking logic. When BPAC is set, packing is
enabled. In this mode each DMA external access initiates three external accesses to an
8-bit wide external memory (the addresses for these accesses are DAB, then DAB + 1 and
then DAB + 2). Packing to a 24-bit word (or unpacking from a 24-bit word to three 8-bit
words) is done automatically by the expansion port control hardware. The external memory
should reside in the eight Least Significant Bits (LSBs) of the external data bus, and the
packing (or unpacking for external write accesses) occurs in “Little Endian” order (that is,
the low byte is stored in the lowest of the three memory locations and is transferred first; the
middle byte is stored/transferred next; and the high byte is stored/transferred last). When
this bit is cleared, the expansion port control logic assumes a 24-bit wide external memory.
Notes: 1.
BPAC is used only for DMA accesses and not core accesses.
2.
To ensure sequential external accesses, the DMA address should advance
three steps at a time in two-dimensional mode with a row length of one and an
offset size of three. For details, refer to the Freescale application note,
APR23/D, Using the DSP56300 Direct Memory Access Controller.
3.
To prevent improper operation, DMA address + 1 and DMA
address + 2 should not cross the AAR bank borders.
4.
Arbitration is not allowed during the packing access (that is, the three
accesses are treated as one access with respect to arbitration, and the bus
mastership is not released during these accesses).
6
0
Reserved. Write to 0 for future compatibility.
5
BYEN
0
Bus Y Data Memory Enable
A read/write control bit that enables/disables the AA pin and logic during external Y data
space accesses. When set, BYEN enables the comparison of the external address to the
BAC bits during external Y data space accesses. If BYEN is cleared, no address
comparison is performed.
4
BXEN
0
Bus X Data Memory Enable
A read/write control bit that enables/disables the AA pin and logic during external X data
space accesses. When set, BXEN enables the comparison of the external address to the
BAC bits during external X data space accesses. If BXEN is cleared, no address
comparison is performed.
3
BPEN
0
Bus Program Memory Enable
A read/write control bit that enables/disables the AA/RAS pin and logic during external
program space accesses. When set, BPEN enables the comparison of the external address
to the BAC bits during external program space accesses. If BPEN is cleared, no address
comparison is performed.
2
BAAP
0
Bus Address Attribute Polarity
A read/write Bus Address Attribute Polarity (BAAP) control bit that defines whether the
AA/RAS signal is active low or active high. When BAAP is cleared, the AA/RAS signal is
active low (useful for enabling memory modules or for DRAM Row Address Strobe). If
BAAP is set, the appropriate AA/RAS signal is active high (useful as an additional address
bit).
Table 4-10. Address Attribute Registers (AAR[0–3]) Bit Definitions
Bit
Number
Bit Name
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com