Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 292 page
background image
Central Processor Unit (CPU) Registers
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-9
16
FV
0
DO FOREVER Flag
Set when a DO FOREVER loop executes. The FV flag, like the LF flag, is
restored from the stack when a DO FOREVER loop terminates. Stacking and
restoring the FV flag when initiating and exiting a DO FOREVER loop,
respectively, allow program loops to be nested. When returning from the long
interrupt with an RTI instruction, the system stack is pulled and the value of
the FV bit is restored.
15
LF
0
Do Loop Flag
When a program loop is in progress, enables the detection of the end of the
loop. The LF is restored from stack when a program loop terminates. Stacking
and restoring the LF when initiating and exiting a program loop, respectively,
allow program loops to be nested. When returning from the long interrupt with
an RTI instruction, the System Stack is pulled and the LF bit value is restored.
14
DM
0
Double-Precision Multiply Mode
Enables four multiply/MAC operations to implement a double-precision
algorithm that multiplies two 48-bit operands with a 96-bit result. Clearing the
DM bit disables the mode.
The Double-Precision Multiply mode is supported to maintain object code
compatibility with devices in the DSP56000 family. For a more efficient way of
executing double precision multiply, refer to the chapter on the Data Arithmetic
Logic Unit in the DSP56300 Family Manual.
In Double-Precision Multiply mode, the behavior of the four specific operations
listed in the double-precision algorithm is modified. Therefore, do not use
these operations (with those specific register combinations) in
Double-Precision Multiply mode for any purpose other than the double
precision multiply algorithm. All other Data ALU operations (or the four listed
operations, but with other register combinations) can be used.
The double-precision multiply algorithm uses the Y0 Register at all stages.
Therefore, do not change Y0 when running the double-precision multiply
algorithm. If the Data ALU must be used in an interrupt service routine, Y0
should be saved with other Data ALU registers to be used and restored before
the interrupt routine terminates.
13
SC
0
Sixteen-Bit Compatibility Mode
Affects addressing functionality, enabling full compatibility with object code
written for the DSP56000 family. When SC is set, MOVE operations to/from
any of the following PCU registers clear the eight MSBs of the destination: LA,
LC, SP, SSL, SSH, EP, SZ, VBA and SC. If the source is either the SR or
OMR, then the eight MSBs of the destination are also cleared. If the
destination is either the SR or OMR, then the eight MSBs of the destination
are left unchanged. To change the value of one of the eight MSBs of the SR or
OMR, clear SC.
SC also affects the contents of the Loop Counter Register. If SC is cleared
(normal operation), then a loop count value of zero causes the loop body to be
skipped, and a loop count value of $FFFFFF causes the loop to execute the
maximum number of 224 – 1 times. If the SC bit is set, a loop count value of
zero causes the loop to execute 216 times, and a loop count value of $FFFFFF
causes the loop to execute 216 – 1 times.
Note:
Due to pipelining, a change in the SC bit takes effect only after three
instruction cycles. Insert three NOP instructions after the instruction
that changes the value of this bit to ensure proper operation.
Table 4-2. Status Register Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com