Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-16
Freescale Semiconductor
Core Configuration
Figure 4-4. Interrupt Priority Register-Peripherals (IPRP) (X:$FFFFFE)
The DSP56303 has a four-level interrupt priority structure. Each interrupt has two interrupt
priority level bits (IPL[1–0]) that determine its interrupt priority level. Level 0 is the lowest
priority; Level 3 is the highest-level priority and is non-maskable. Table 4-4 defines the IPL bits.
The IPRC also selects the trigger mode of the external interrupts (IRQA–IRQD). If the value of the
IxL2 bit is 0, the interrupt mode is level-triggered. If the value is 1, the interrupt mode is
negative-edge-triggered.
4.4.2 Interrupt Table Memory Map
Each interrupt is allocated two instructions in the interrupt table, resulting in 128 table entries for
interrupt handling. Table 4-5 shows the table entry address for each interrupt source. The
DSP56303 initialization program loads the table entry for each interrupt serviced with two
interrupt servicing instructions. In the DSP56303, only some of the 128 vector addresses are used
for specific interrupt sources. The remaining interrupt vectors are reserved and can be used for
host NMI (IPL = 3) or for host command interrupt (IPL = 2). Unused interrupt vector locations can
be used for program or data storage.
Table 4-4. Interrupt Priority Level Bits
IPL bits
Interrupts Enabled
Interrupts Masked
Interrupt Priority Level
xxL1
xxL0
00
No
—
0
01
Yes
0
1
10
Yes
0, 1
2
1
1
Yes
0, 1, 2
3
HPL0
HPL1
S0L0
S0L1
S1L0
S1L1
23
22
21
20
19
18
17
16
15
14
13
12
0
1
2
3
4
5
6
7
8
9
10
11
HI08 IPL
ESSI0 IPL
ESSI1 IPL
SCI IPL
TRIPLE TIMER IPL
T0L0
T0L1
SCL0
SCL1
reserved
reserved
Reserved bit; read as zero; should be written with zero for future compatibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com