Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 292 page
background image
Host Interface (HI08)
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
2-9
2.7 Host Interface (HI08)
The HI08 provides a fast, parallel data-to-8-bit port that can directly connect to the host bus. The
HI08 supports a variety of standard buses and can directly connect to a number of
industry-standard microcomputers, microprocessors, DSPs, and DMA hardware.
2.7.1 Host Port Usage Considerations
Careful synchronization is required when the system reads multiple-bit registers that are written
by another asynchronous system. This is a common problem when two asynchronous systems are
connected (as they are in the Host port). The considerations for proper operation are discussed in
Table 2-10.
2.7.2 Host Port Configuration
HI08 signal functions vary according to the programmed configuration of the interface as
determined by the 16 bits in the HI08 Port Control Register (HPCR). Refer to the Chapter 6,
Host Interface (HI08), for detailed descriptions of HI08 configuration registers.
MODD/IRQD
Input
Input
Mode Select D/External Interrupt Request D
Selects the initial chip operating mode during hardware reset and becomes
a level-sensitive or negative-edge-triggered, maskable interrupt request
input during normal instruction processing. MODA, MODB, MODC, and
MODD select one of sixteen initial chip operating modes, latched into OMR
when the RESET signal is deasserted.
Internally synchronized to CLKOUT. If IRQD is asserted synchronous to
CLKOUT, multiple processors can be re-synchronized using the WAIT
instruction and asserting IRQD to exit the Wait state.
MODD/IRQD can tolerate 5 V.
Table 2-10. Host Port Usage Considerations
Action
Description
Asynchronous read of receive
byte registers
To assure that the data in the receive byte registers is valid when you are reading the r
Receive register High (RXH), Receive register Middle (RXM), or Receive register Low (RXL),
use interrupts or poll the Receive Register Data Full (RXDF) flag that indicates data is
available.
Asynchronous write to
transmit byte registers
To ensure that the transmit byte registers transfer valid data to the Host Receive (HRX)
register, do not write to the Transmit register High (TXH), Transmit register Middle (TXM), or
Transmit register Low (TXL) registers unless the Transmit register Data Empty (TXDE) bit is
set indicating that the transmit byte registers are empty.
Asynchronous write to host
vector
To ensure that the DSP interrupt control logic receives a stable vector, change the Host
Vector (HV) register only when the Host Command bit (HC) is clear.
Table 2-9. Interrupt and Mode Control (Continued)
Signal Name
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com