Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
2-4
Freescale Semiconductor
Signals/Connections
2.3 Clock
GNDA (4)
Address Bus Ground
An isolated ground for sections of the address bus I/O drivers. This connection must be tied externally to
all other chip ground connections, except GNDP and GNDP1. The user must provide adequate external
decoupling capacitors.
GNDD (4)
Data Bus Ground
An isolated ground for sections of the data bus I/O drivers. This connection must be tied externally to all
other chip ground connections, except GNDP and GNDP1. The user must provide adequate external
decoupling capacitors.
GNDC (2)
Bus Control Ground
An isolated ground for the bus control I/O drivers. This connection must be tied externally to all other
chip ground connections, except GNDP and GNDP1. The user must provide adequate external
decoupling capacitors.
GNDH
Host Ground
An isolated ground for the HI08 I/O drivers. This connection must be tied externally to all other chip
ground connections, except GNDP and GNDP1. The user must provide adequate external decoupling
capacitors.
GNDS (2)
ESSI, SCI, and Timer Ground
An isolated ground for the ESSI, SCI, and timer I/O drivers. This connection must be tied externally to all
other chip ground connections, except GNDP and GNDP1. The user must provide adequate external
decoupling capacitors.
Note:
The subsystem GND signals (GNDQ, GNDA, GNDD, GNDC, GNDH, and GNDS) are listed for the 144-pin TQFP
package. For the 196-ball MAP-BGA package, all grounds except GNDP and GNDP1 are connected together inside
the package and referenced as GND .
Table 2-4. Clock Signals
Signal
Name
Type
State During
Reset
Signal Description
EXTAL
Input
Input
External Clock/Crystal Input
Interfaces the internal crystal oscillator input to an external crystal or an
external clock.
XTAL
Output
Chip-driven
Crystal Output
Connects the internal crystal oscillator output to an external crystal. If an
external clock is used, leave XTAL unconnected.
Table 2-3. Grounds (Continued)
Ground Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com