Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
1-10
Freescale Semiconductor
DSP56303 Overview
„ Program memory expansion to one 256 K × 24-bit words memory space using the
standard external address lines
Further features of external memory include the following:
„ External memory expansion port
„ Simultaneous glueless interface to static random access memory (SRAM) and dynamic
random access memory (DRAM)
1.7 Internal Buses
To provide data exchange between the blocks, the DSP56303 implements the following buses:
„ Peripheral I/O expansion bus to peripherals
„ Program memory expansion bus to program ROM
„ X memory expansion bus to X memory
„ Y memory expansion bus to Y memory
„ Global data bus between PCU and other core structures
„ Program data bus for carrying program data throughout the core
„ X memory data bus for carrying X data throughout the core
„ Y memory data bus for carrying Y data throughout the core
„ Program address bus for carrying program memory addresses throughout the core
„ X memory address bus for carrying X memory addresses throughout the core
„ Y memory address bus for carrying Y memory addresses throughout the core.
The block diagram in Figure 1-1 illustrates these buses among other components. All internal
buses on the DSP56300 family members are 24-bit buses. The program data bus is also a 24-bit
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com