Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
2-1
Signals/Connections
2
The DSP56303 input and output signals are organized into functional groups, as shown in Table
2-1 and illustrated in Figure 2-1. The DSP56303 operates from a 3 V supply; however, some of
the inputs can tolerate 5 V. A special notice for this feature is added to the signal descriptions of
those inputs.
Table 2-1. DSP56303 Functional Signal Groupings
Functional Group
Number of Signals
Description and Page
Power (VCC)18
Table 2-2 on page -3
Ground (GND)
19
Table 2-3 on page -3
Clock
2
Table 2-4 on page -4
PLL
3
Table 2-5 on page -5
Address bus
Port A1
18
Table 2-6 on page -5
Data bus
24
Table 2-7 on page -6
Bus control
13
Table 2-8 on page -6
Interrupt and mode control
5
Table 2-9 on page -8
HI08
Port B2
16
Table 2-11 on page -10
ESSI
Ports C and D3
12
Table 2-12 on page -13
Table 2-13 on page -15
SCI
Port E4
3
Table 2-14 on page -17
Timer5
3
Table 2-15 on page -17
OnCE/JTAG Port
6
Table 2-16 on page -18
Notes: 1.
Port A signals define the external memory interface port, including the external address bus, data bus, and
control signals.
2.
Port B signals are the HI08 port signals multiplexed with the GPIO signals.
3.
Port C and D signals are the two ESSI port signals multiplexed with the GPIO signals.
4.
Port E signals are the SCI port signals multiplexed with the GPIO signals.
5.
The number of Ground signals listed are for the 144-pin TQFP package. For the 196-ball MAP-BGA package,
there are 66 GND connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com