Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
3-2
Freescale Semiconductor
Memory Configuration
3.1.1 Internal Program Memory
The default internal program memory consists of a 24-bit-wide, high-speed, SRAM occupying
the lowest 4 K (default), 3 K, 2 K, or 1 K locations in program memory space, depending on the
settings of the OMR[MS] and (SR[CE]) bits. Section 4.3.2, Operating Mode Register (OMR), on
page 1-15 provides details on the MS bit. Section 4.3.1, Status Register (SR), on page 1-9
provides details on the CE bit. The default internal program RAM is organized in 16 banks with
256 locations each (4 K). Setting the MS bit switches four banks of program memory to the X
data memory and an additional four banks of program memory to the Y data memory. Setting the
CE bit switches four banks of internal program memory to the Instruction Cache and reassigns its
address to external program memory. The memory addresses for the Instruction Cache vary
depending on the setting of the MS and CE bits. Section 3.6 provides a summary of the internal
RAM configurations. Refer to the memory maps for detailed information.
3.1.2 Memory Switch Modes—Program Memory
Memory switch mode allows reallocation of portions of program RAM to X and Y data RAM.
OMR[7] is the memory switch (MS) bit that controls this function, as follows:
„ When the MS bit is cleared, program memory consists of the default 4 K × 24-bit memory
space described in the previous section. In this default mode, the lowest external program
memory location is $1000. If the CE bit is set, the program memory consists of the lowest
3 K
× 24-bits of memory space and the lowest external program memory location is
$0C00.
„ When the MS bit is set, the highest 2 K × 24-bit portion of the internal program memory is
switched to internal X and Y data memory. In this mode, the lowest external program
memory location is $800. If the CE bit is set and the MS bit is set, the program memory
consists of the lowest 1 K
× 24-bits of memory space and the lowest external program
memory location is $400.
3.1.3 Instruction Cache
In program memory space, the location of the internal Instruction Cache (when enabled by the
CE bit) varies depending on the setting of the MS bit, as noted above. Refer to the memory maps
for detailed address information. When the instruction cache is enabled (that is, the SR[CE] bit is
set), 1 K program words switch to instruction cache and are not accessible via addressing; the
address range switches to external program memory.
3.1.4 Program Bootstrap ROM
The program memory space occupying locations $FF0000–$FF00BF includes the internal
bootstrap ROM. This ROM contains the 192-word DSP56303 bootstrap program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com