Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-8
Freescale Semiconductor
Core Configuration
Table 4-2. Status Register Bit Definitions
Bit Number
Bit Name
Reset Value
Description
23–22
CP[1–0]
11
Core Priority
Under control of the CDP[1–0] bits in the OMR, the CP bits specify the priority
of core accesses to external memory. These bits are compared against the
priority bits of the active DMA channel. If the core priority is greater than the
DMA priority, the DMA waits for a free time slot on the external bus. If the core
priority is less than the DMA priority, the core waits for a free time slot on the
external bus. If the core priority equals the DMA priority, the core and DMA
access the external bus in a round robin pattern (for example, ... P, X, Y, DMA,
P, X, Y, ...).
Priority
Mode
Core
Priority
DMA
Priority
OMR
(CDP[1-0])
SR (CP[1–0])
Dynamic
0
(Lowest)
Determine
d by DCRn
(DPR[1–0])
for active
DMA
channel
00
00
100
01
200
10
3
(Highest)
00
11
Static
core < DMA
01
xx
core = DMA
10
xx
core > DMA
11
xx
21
RM
0
Rounding Mode
Selects the type of rounding performed by the Data ALU during arithmetic
operations. If RM is cleared, convergent rounding is selected. If RM is set,
two’s-complement rounding is selected.
20
SM
0
Arithmetic Saturation Mode
Selects automatic saturation on 48 bits for the results going to the
accumulator. This saturation is performed by a special circuit inside the MAC
unit. The purpose of this bit is to provide an Arithmetic Saturation mode for
algorithms that do not recognize or cannot take advantage of the extension
accumulator.
19
CE
0
Cache Enable
Enables/disables the instruction cache controller. If CE is set, the cache is
enabled, and instructions are cached into and fetched from the internal
Program RAM. If CE is cleared, the cache is disabled and the DSP56300 core
fetches instructions from external or internal program memory, according to
the memory space table of the specific DSP56300 core-based device.
Note:
To ensure proper operation, do not clear Cache Enable mode while
Burst mode is enabled (OMR[BE] is set).
18
0
Reserved. Write to zero for future compatibility.
17
SA
0
Sixteen-Bit Arithmetic Mode
Affects data width functionality, enabling the Sixteen-bit Arithmetic mode of
operation. When SA is set, the core uses 16-bit operations instead of 24-bit
operations. In this mode, 16-bit data is right-aligned in the 24-bit memory
locations, registers, and 24-bit register portions. Shifting, limiting, rounding,
arithmetic instructions, and moves are performed accordingly. For details on
Sixteen-Bit Arithmetic mode, consult the DSP56300 Family Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com