Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 105Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 106Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 292 page
background image
Host Port Signals
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-3
6.2 Host Port Signals
The host port signals are discussed in Chapter 2, Signals/Connections. Each host port signal can
be programmed as a host port signal or as a GPIO signal, PB[0–15]. See Table 6-1 through
Table 6-3.
The HI08 port can operate in multiplexed or non-multiplexed mode. In multiplexed mode
(HPCR[11]:HMUX = 1), the lower eight address signals multiplex with the eight data lines. In
non-multiplexed mode (HPCR[11]:HMUX = 0), the HI08 requires a chip select signal and three
address lines to select one of the eight registers accessible to the host. Eight lines are used for
data. The HI08 port can also be programmed to use a single or dual read/write data strobe and
single or double host request.
Software and hardware resets clear all DSP-side control registers and configure the HI08 as
GPIO. To select GPIO functions, clear HPCR bits 6 through 1; to select other HI08 functions, set
those same bits. If the HI08 is in GPIO mode, the HDDR configures each corresponding signal in
the HDR as an input signal if the HDDR bit is cleared or as an output signal if the HDDR bit is
set. For details, see Section 6.6.3, Host Data Direction Register (HDDR), on page 6-14 and
Section 6.6.4, Host Data Register (HDR), on page 6-15.
Table 6-1. HI08 Signal Definitions for Operational Modes
HI08 Port Signal
Multiplexed Address/Data Bus Mode
Non-multiplexed Bus Mode
GPIO Mode
HAD[0–7]
HAD[0–7]
H[0–7]
PB[0–7]
HAS/HA0
HAS/HAS
HA0
PB8
HA8/HA1
HA8
HA1
PB9
HA9/HA2
HA9
HA2
PB10
HCS/HA10
HA10
HCS/HCS
PB13
Table 6-2. HI08 Data Strobe Signals
HI08 Port Signal
Single Strobe Mode
Dual Strobe Mode
GPIO Mode
HRW/HRD
HRW
HRD/HRD
PB11
HDS/HWR
HDS/HDS
HWR/HWR
PB12
Table 6-3. HI08 Host Request Signals
HI08 Port Signal
Single Host Request Mode
Double Host Request Mode
GPIO Mode
HREQ/
HTRQ
HREQ/HREQ
HTRQ/HTRQ
PB14
HACK/
HRRQ
HACK/HACK
HRRQ/HRRQ
PB15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com