Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 105Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 106Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 107Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 108Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 292 page
background image
Operation
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-7
„ Host command
„ Transmit data register empty
„ Receive data register full
These interrupts are maskable via the Host Receive Interrupt Enable bit (HCR[0] = HRIE), the
Host Transmit Interrupt Enable bit (HCR[1] = HTIE), and the Host Command Interrupt Enable
bit (HCR[2] = HCIE), respectively. Receive Data Full and Transmit Data Empty interrupts move
data to/from the HTX and HRX data registers. The DSP interrupt service routine must read or
write the appropriate HI08 data register (HRX or HTX) to clear the interrupt condition.
Host commands allow the host to issue command requests to the DSP by selecting any of 128
DSP interrupt routines for execution. For example, the host may issue a command via the HI08
that sets up and enables a DMA transfer. The DSP56303 processor has reserved interrupt vector
addresses for application-specific service routines. However, this flexibility is independent of the
data transfer mechanisms in the HI08 and allows the host to force execution of any interrupt
handler (for example, SSI, SCI, IRQx, and so on).
To enable Host Command interrupts, the HCR[2] = HCIE bit is set on the DSP side. The host
then uses the Command Vector Register (CVR) to start an interrupt routine. The host sets the
Host Command bit (CVR[7] = HC) to request the command interrupt and the seven Host Vector
bits CVR[6–0] = HV[6–0] to select the interrupt address to be used. When the DSP core
recognizes the host command interrupt, the address of the interrupt taken is 2xHV. For host
command interrupts, the interrupt acknowledge from the DSP56303 program controller clears the
pending interrupt condition.
Figure 6-2. HI08 Core Interrupt Operation
15
X:HCR
X:HSR
0
Enable
HF3
HF2
HCIE HTIE HRIE HCR
HF1
HF0
HCP HTDE HRDF HSR
Status
DSP Core Interrupts
Receive Data Full
Transmit Data Empty
Host Command
15
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com