Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 106Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 107Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 108Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 111Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 112Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 113Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-10
Freescale Semiconductor
Host Interface (HI08)
The host can transfer one byte at a time, so a 24-bit datum would be transferred using three store
(or load) byte operations, ensuring that the data byte at host bus address $7 is written last since
this causes the transfer of the data to the DSP-side HRX. However, the host bus controller may be
sophisticated enough that the host can transfer all bytes in a single operation (instruction). For
example, in the PowerPC MPC860 processor, the General-Purpose Controller Module (GPCM)
in the memory controller can be programmed so that the host can execute a single read (load
word, LDW) or write (store word, STW) instruction to the HI08 port and cause four byte
transfers to occur on the host bus. The 32-bit datum transfer shown in Figure 6-4 has byte data xx
written to HI08 address $4, byte aa to address $5, byte bb to address $6 and byte cc to address $7
(this assumes the 24-bit datum is contained in the lower 24 bits of the host’s 32-bit data register
as shown).
A similar operation occurs when the HI08 is initialized in Big Endian mode by clearing the Host
Little Endian bit (ICR[5] = HLEND). Big Endian mode is depicted in Figure 6-5.
Figure 6-4. HI08 Read and Write Operations in Little Endian Mode
Figure 6-5. HI08 Read and Write Operations in Big Endian Mode
cc
bb
aa
High Byte
Low Byte
Host bus address:
$5
$6
$7
aa
bb
cc
HTX/HRX Bit Number: 23
0
DSP side
Host side
cc
bb
aa
(read/write last!)
xx
Host 32-bit
internal register
aa
bb
cc
Low Byte
High Byte
Host bus address:
$5
$6
$7
aa
bb
cc
HTX/HRX Register: 23
0
DSP side
Host side
aa
bb
cc
(read/write last!)
xx
Host 32-bit
internal register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com