Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 111Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 112Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 113Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 114Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 115Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 116Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 292 page
background image
DSP Core Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-13
6.6.2 Host Status Register (HSR)
The HSR is a 16-bit read-only status register by which the DSP reads the HI08 status and flags.
The host processor cannot access it directly. The initialization values for the HSR bits are
discussed in Section 6.6.9, DSP-Side Registers After Reset, on page 6-20.
2
HCIE
0
Host Command Interrupt Enable
Generates a host command interrupt request if the host command pending
(HCP) status bit in the HSR is set. If HCIE is cleared, HCP interrupts are
disabled. The interrupt address is determined by the host command vector
register (CVR).
NOTE: If more than one interrupt request source is asserted and enabled
(for example, HRDF is set, HCP is set, HRIE is set, and HCIE is set), the
HI08 generates interrupt requests according to priorities shown here. The bit
value is indeterminate after an individual reset.
Priority
Interrupt Source
Highest
Host Command (HCP = 1)
Transmit Data (HTDE = 1)
Lowest
Receive Data (HRDF = 1)
1HTIE
0
Host Transmit Interrupt Enable
Generates a host transmit data interrupt request if the host transmit data
empty (HTDE) bit in the HSR is set. The HTDE bit is set when data is
transferred from the HTX to the RXH, RXM, or RXL registers. If HTIE is
cleared, HTDE interrupts are disabled. The bit value is indeterminate after
an individual reset.
0
HRIE
0
Host Receive Interrupt Enable
Generates a host receive data interrupt request if the host receive data full
(HRDF) bit in the host status register (HSR, Bit 0) is set. The HRDF bit is set
when data is transferred to the HRX from the TXH, TXM, or TXL registers. If
HRIE is cleared, HRDF interrupts are disabled. The bit value is
indeterminate after an individual reset.
15
14
13
12
11
10
9876
54321
0
HF1
HF0
HCP HTDE HRDF
—Reserved bit; read as 0; write to 0 for future compatibility.
Figure 6-7. Host Status Register (HSR) (X:$FFFFC3)
Table 6-9. Host Status Register (HSR) Bit Definitions
Bit Number
Bit Name
Reset Value
Description
15–5
0
Reserved. Write to 0 for future compatibility.
Table 6-8. Host Control Register (HCR) Bit Definitions
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com