Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 111Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 112Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 113Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 114Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 115Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 116Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 117Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-14
Freescale Semiconductor
Host Interface (HI08)
6.6.3 Host Data Direction Register (HDDR)
The HDDR controls the direction of the data flow for each of the HI08 signals configured as
GPIO. Even when the HI08 functions as the host interface, its unused signals can be configured
as GPIO signals. For information on the HI08 GPIO configuration options, see Section 6.2, Host
Port Signals, on page 6-3. If Bit DRxx is set, the corresponding HI08 signal is configured as an
output signal. If Bit DRxx is cleared, the corresponding HI08 signal is configured as an input
signal. Hardware and software reset clear the HDDR bits.
4–3
HF[1–0]
0
Host Flags 0, 1
General-purpose flags for host-to-DSP communication. These bits reflect
the status of host flags HF[1–0] in the ICR on the host side. These two
general-purpose flags can be used individually or as encoded pairs in a
simple host-to-DSP communication protocol, implemented in both the
DSP and the host processor software.
2
HCP
0
Host Command Pending
Reflects the status of the CVR[HC] bit. When set, it indicates that a host
command interrupt is pending. HI08 hardware clears HC and HCP when
the DSP core services the interrupt request. If the host clears HC, HCP is
also cleared.
1HTDE
0
Host Transmit Data Empty
Indicates that the host transmit data register (HTX) is empty and can be
written by the DSP core. HTDE is set when the HTX register is transferred
to the RXH:RXM:RXL registers. The host processor can also set HTDE
using the initialize function. HTDE is cleared when the DSP core writes to
HTX.
0
HRDF
0
Host Receive Data Full
Indicates that the host receive data register (HRX) contains data from the
host processor. HRDF is set when data is transferred from the
TXH:TXM:TXL registers to the HRX register. The host processor can also
clear HRDF using the initialize function.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DR15 DR14 DR13 DR12 DR11 DR10
DR9
DR8
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
Figure 6-8. Host Data Direction Register (HDDR) (X:$FFFFC8)
Table 6-9. Host Status Register (HSR) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com