Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 107Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 108Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 111Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 112Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 113Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 114Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 292 page
background image
Boot-up Using the HI08 Host Port
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-11
6.5 Boot-up Using the HI08 Host Port
The DSP56300 core has eight bootstrap operating modes to start up after reset. As the processor
exits the Reset state the value at the external mode pins MODA/IRQA, MODB/IRQB, MODC/IRQC and
MODD
/IRQD are loaded into the Chip Operating Mode bits (MA, MB, MC and MD) of the
Operating Mode Register (OMR). These bits determine the bootstrap operating mode. Modes C,
D, E and F use the HI08 host port to bootstrap the application code to the DSP. Table 6-7
describes these modes.
The bootstrap program is factory-programmed into an internal 192-word by 24-bit bootstrap
ROM at locations $FF0000–$FF00BF of P memory. This program can load program RAM
segment from the HI08 host port. When any of the modes in the preceding table are used, the core
begins executing the bootstrap program and configures the HI08 based on the OMR mode bits.
The bootstrap program then expects the following data sequence when the user program is
downloaded from the HI08:
1.
Three bytes (least significant byte first) indicating the number of 24-bit program words
to be loaded.
2.
Three bytes (least significant byte first) indicating the 24-bit starting address in
P-memory to load the user's program.
3.
The user program (three bytes, least significant byte first, for each program word).
Once the bootstrap program finishes loading the specified number of words, it jumps to the
specified starting address and executes the loaded program.
6.6 DSP Core Programming Model
The DSP56300 core treats the HI08 as a memory-mapped peripheral occupying eight 24-bit
words in X data memory space. The DSP can use the HI08 as a normal memory-mapped
peripheral, employing either standard polled or interrupt-driven programming techniques.
Separate transmit and receive data registers are double-buffered to allow the DSP and host
processor to transfer data efficiently at high speed. Direct memory mapping allows the
DSP56303 core to communicate with the HI08 registers using standard instructions and
Table 6-7. HI08 Boot Modes
Mode
MODD
MODC
MODB
MODA
HI08 Bootstrap Description
C
1100
ISA/DSP5630x mode
D
1101
HC11 non-multiplexed bus mode
E
1110
8051 multiplexed bus mode
F
1111
MC68302 bus mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com