Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 108Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 111Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 112Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 113Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 114Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 115Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-12
Freescale Semiconductor
Host Interface (HI08)
addressing modes. In addition, the MOVEP instruction allows direct data transfers between
DSP56303 internal memory and the HI08 registers or vice versa.
There are two types of host processor registers, data and control, with eight registers in all. The
DSP core can access all eight registers, but the external host cannot. The following data registers
are 24-bit registers used for high-speed data transfers by the DSP core.
„ Host data receive register (HRX), on page 6-19
„ Host data transmit register (HTX), on page 6-19
The DSP-side control registers are 16-bit registers that control HI08 functionality:
„ Host control register (HCR), on page 6-12
„ Host status register (HSR), on page 6-13
„ Host GPIO data direction register (HDDR), on page 6-14
„ Host GPIO data register (HDR), on page 6-15
„ Host base address register (HBAR), on page 6-15
„ Host port control register (HPCR), on page 6-16
Both hardware and software resets disable the HI08. After a reset, the HI08 signals are
configured as GPIO and disconnected from the DSP56300 core (that is, the signals are left
floating).
6.6.1 Host Control Register (HCR)
This read/write register controls the HI08 interrupt operation. Initialization values for HCR bits
are presented in Section 6.6.9, DSP-Side Registers After Reset, on page 6-20.
15
14
13
12
11
10
9876
54321
0
HF3
HF2
HCIE HTIE HRIE
—Reserved bit; read as 0; write to 0 for future compatibility.
Figure 6-6. Host Control Register (HCR) (X:$FFFFC2)
Table 6-8. Host Control Register (HCR) Bit Definitions
Bit Number
Bit Name
Reset Value
Description
15–5
0
Reserved. Write to 0 for future compatibility.
4–3
HF[3 –2]
0
Host Flags 2, 3
General-purpose flags for DSP-to-host communication. The DSP core can
set or clear HF[3–2]. The values of HF[3–2] are reflected in the interface
status register (ISR); that is, if they are modified by the DSP software, the
host processor can read the modified values by reading the ISR. These two
general-purpose flags can be used individually or as encoded pairs in a
simple DSP-to-host communication protocol, implemented in both the DSP
and the host processor software. The bit value is indeterminate after an
individual reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com