Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 112Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 113Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 114Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 115Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 116Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 117Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 118Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 119Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-16
Freescale Semiconductor
Host Interface (HI08)
6.6.6 Host Port Control Register (HPCR)
The HPCR is a read/write control register that controls the HI08 operating mode. HPCR bit
initialization values are discussed in Section 6.6.9, DSP-Side Registers After Reset, on page
6-20. Hardware and software reset clear the HPCR bits.
To assure proper operation of the DSP56303, the HPCR bits HAP, HRP, HCSP, HDDS, HMUX,
HASP, HDSP, HROD, HAEN, and HREN should be changed only if HEN is cleared. Similarly,
the HPCR bits HAP, HRP, HCSP, HDDS, HMUX, HASP, HDSP, HROD, HAEN, HREN,
HCSEN, HA9EN, and HA8EN should not be set when HEN is set nor at the time HEN is set.
Figure 6-11. Self Chip-Select Logic
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
HAP
HRP HCSP HDDS HMUX HASP HDSP HROD
HEN HAEN HREN HCSEN HA9EN HA8EN HGEN
—Reserved bit, read as 0; write to 0 for future compatibility.
Figure 6-12. Host Port Control Register (HPCR) (X:$FFFFC4)
Table 6-12. Host Port Control Register (HPCR) Bit Definitions
Bit Number
Bit Name
Reset Value
Description
15
HAP
0
Host Acknowledge Polarity
If HAP is cleared, the host acknowledge (HACK) signal is configured as an
active low input. The HI08 drives the contents of the IVR onto the host bus
when the HACK signal is low. If the HAP bit is set, the HACK signal is
configured as an active high input. The HI08 outputs the contents of the IVR
when the HACK signal is high.
14
HRP
0
Host Request Polarity
Controls the polarity of the host request signals. In single host request mode
(that is, when HDRQ is cleared in the ICR), if HRP is cleared and host
requests are enabled (that is, if HREN is set and HEN is set), then the HREQ
signal is an active low output. If HRP is set and host requests are enabled,
the HREQ signal is an active high output. In the double host request mode
(that is, when HDRQ is set in the ICR), if HRP is cleared and host requests
are enabled (that is, if HREN is set and HEN is set), then the HTRQ and
HRRQ signals are active low outputs. If HRP is set and host requests are
enabled, the HTRQ and HRRQ signals are active high outputs.
HAD[0–7]
Chip select
A[3–7]
8 bits
HAS
HA[8–10]
DSP Peripheral
Data Bus
Latch
Base
Address
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com