Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 115Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 116Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 117Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 118Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 119Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 120Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 292 page
background image
DSP Core Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-19
6.6.7 Host Transmit (HTX) Register
The HTX register is used in DSP-to-host data transfers. The DSP56303 views it as a 24-bit
write-only register. Its address is X:$FFFFC7. Writing to the HTX register clears the host transfer
data empty bit (HSR[HTDE]) on the DSP side. The contents of the HTX register are transferred
as 24-bit data to the Receive Data Registers (RXH:RXM:RXL) when both HSR[HTDE] and
receive data full (ISR[RXDF]) on the host-side bits are cleared. This transfer operation sets the
ISR[RXDF] and HSR[HTDE] bits. The DSP56303 can set the HCR[HTIE] bit to cause a host
transmit data interrupt when HSR[HTDE] is set. To prevent the previous data from being
overwritten, the DSP56303 should never write to the HTX when HSR[HTDE] is cleared.
Note:
When data is written to a peripheral device, there is a two-cycle pipeline delay until
any status bits affected by this operation are updated. If you read any of the status bits
within the next two cycles, the bit does not reflect its current status. For details, see
Section 5.4.1, Polling, on page 1-3.
6.6.8 Host Receive (HRX) Register
The HRX register is used in host-to-DSP data transfers. The DSP56303 views it as a 24-bit
read-only register. Its address is X:$FFFFC6. It is loaded with 24-bit data from the transmit data
Figure 6-13. Single-Strobe Mode
Figure 6-14. Dual-Strobe Mode
HRW
HDS
In a single-strobe mode, a DS (data strobe) signal qualifies the access, while a R/W (Read-Write)
signal specifies the direction of the access.
Data
HWR
Data
HRD
In dual-strobe mode, separate HRD and HWR signals specify the access as a read or write
access, respectively.
Read Data Out
Read Cycle
Write Cycle
Write Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com