Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 119Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 120Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 292 page
background image
Host Programmer Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-23
6
0
Reserved. Write to 0 for future compatibility.
5HLEND
0
Host Little Endian
If the HLEND bit is cleared, the host can access the HI08 in Big-Endian byte
order. If set, the host can access the HI08 in Little-Endian byte order. If the
HLEND bit is cleared the RXH/TXH register is located at address $5, the
RXM/TXM register at $6, and the RXL/TXL register at $7. If the HLEND bit is
set, the RXH/TXH register is located at address $7, the RXM/TXM register at
$6, and the RXL/TXL register at $5.
4HF1
0
Host Flag 1
A general-purpose flag for host-to-DSP communication. The host processor
can set or clear HF1, and the DSP56303 can not change it. HF1 is reflected
in the HSR on the DSP side of the HI08.
3HF0
0
Host Flag 0
A general-purpose flag for host-to-DSP communication. The host processor
can set or clear HF0, and the DSP56303 cannot change it. HF0 is reflected in
the HSR on the DSP side of the HI08.
2
HDRQ
0
Double Host Request
If cleared, the HDRQ bit configures HREQ/HTRQ and HACK/HRRQ as
HREQ and HACK, respectively. If HDRQ is set, HREQ/HTRQ is configured
as HTRQ, and HACK/HRRQ is configured as HRRQ.
1TREQ
0
Transmit Request Enable
Enables host requests via the host request (HREQ or HTRQ) signal when the
transmit data register empty (TXDE) status bit in the ISR is set. If TREQ is
cleared, TXDE interrupts are disabled. If TREQ and TXDE are set, the host
request signal is asserted.
TREQ and RREQ modes (HDRQ = 0)
TREQ
RREQ
HREQ Signal
0
0
No interrupts (polling)
0
1
RXDF request (interrupt)
1
0
TXDE request (interrupt)
1
1
RXDF and TXDE request (interrupts)
TREQ and RREQ modes (HDRQ = 1)
TREQ
RREQ
HTRQ Signal
HRRQ Signal
0
0
No interrupts (polling)
No interrupts
(polling)
0
1
No interrupts (polling)
RXDF request
(interrupt)
1
0
TXDE request
(interrupt)
No interrupts
(polling)
1
1
TXDE request
(interrupt)
RXDF request
(interrupt)
0
RREQ
0
Receive Request Enable
Controls the HREQ signal for host receive data transfers. RREQ enables host
requests via the host request (HREQ or HRRQ) signal when the receive data
register full (RXDF) status bit in the ISR is set. If RREQ is cleared, RXDF
interrupts are disabled. If RREQ and RXDF are set, the host request signal
(HREQ or HRRQ) is asserted.
Table 6-15. Interface Control Register (ICR) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com