Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 128Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 292 page
background image
Host Programmer Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-25
Table 6-17. Interface Status Register (ISR) Bit Definitions
Bit Number
Bit Name
Reset Value
Description
7
HREQ
0 (Hardware
and Software
reset)
1 (Individual
reset and
TREQ is set)
1 (Stop reset
and TREQ is
set)
Host Request
If HDRQ is set, the HREQ bit indicates the status of the external transmit
and receive request output signals (HTRQ and HRRQ). If HDRQ is
cleared, HREQ indicates the status of the external host request output
signal (HREQ). The HREQ bit is set from either or both of two
conditions— the receive byte registers are full or the transmit byte
registers are empty. These conditions are indicated by status bits: ISR
RXDF indicates that the receive byte registers are full, and ISR TXDE
indicates that the transmit byte registers are empty. If the interrupt
source is enabled by the associated request enable bit in the ICR, HREQ
is set if one or more of the two enabled interrupt sources is set.
HDRQ
HREQ
Effect
00
HREQ is cleared; no host processor
interrupts are requested.
01
HREQ is set; an interrupt is requested.
10
HTRQ and HRRQ are cleared, no host
processor interrupts are requested.
11
HTRQ or HRRQ are set; an interrupt is
requested.
6–5
0
Reserved. Write to 0 for future compatibility.
4HF3
0
Host Flag 3
Indicates the state of HF3 in the HCR on the DSP side. HF3 can be
changed only by the DSP56303. Hardware and software reset clear
HF3.
3HF2
0
Host Flag 2
Indicates the state of HF2 in the HCR on the DSP side. HF2 can be
changed only by the DSP56303. Hardware and software reset clear
HF2.
2
TRDY
1
Transmitter Ready
Indicates that TXH:TXM:TXL and the HRX registers are empty. If TRDY
is set, the data that the host processor writes to TXH:TXM:TXL is
immediately transferred to the DSP side of the HI08. This feature has
many applications. For example, if the host processor issues a host
command that causes the DSP56303 to read the HRX, the host
processor can be guaranteed that the data it just transferred to the HI08
is that being received by the DSP56303. Hardware, software, individual,
and stop resets all set TRDY.
CAUTION:
TRDY = TXDE and HRDF
1TXDE
1
Transmit Data Register Empty
Indicates that the transmit byte registers (TXH:TXM:TXL) are empty and
can be written by the host processor. TXDE is set when the contents of
the transmit byte registers are transferred to the HRX register. TXDE is
cleared when the transmit register (TXL or TXH according to HLEND bit)
is written by the host processor. The host processor can set TXDE using
the initialize function. TXDE can assert the external HTRQ signal if the
TREQ bit is set. Regardless of whether the TXDE interrupt is enabled,
TXDE indicates whether the TX registers are full and data can be latched
in (so that polling techniques may be used by the host processor).
Hardware, software, individual, and stop resets all set TXDE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com