Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 128Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 129Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 130Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 131Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-28
Freescale Semiconductor
Host Interface (HI08)
6.8 Programming Model Quick Reference
Table 6-19 summarizes the HI08 programming model.
ISR
HREQ
0
0
1 if TREQ is set;
0 otherwise
1 if TREQ is set;
0 otherwise
HF3 -HF2
0
0
—
—
TRDY
1
1
1
1
TXDE
1
1
1
1
RXDF
0
0
0
0
IVR
IV[0–7]
$0F
$0F
—
—
RX
RXH:RXM:RXL
empty
empty
empty
empty
TX
TXH:TXM:TXL
empty
empty
empty
empty
Note:
A long dash (—) denotes that the bit value is not affected by the specified reset.
Table 6-19. HI08 Programming Model, DSP Side
Register
Bit
Reset Type
Bit
No.
Bit
Name
Value
Function
HW/
SW
Indivi-
dual
STOP
HCR
0
HRIE
Receive Interrupt
Enable
0
1
HRRQ interrupt disabled
HRRQ interrupt enabled
0—
—
1
HTIE
Transmit
Interrupt Enable
0
1
HTRQ interrupt disabled
HTRQ interrupt enabled
0—
—
2
HCIE
Host Command
Interrupt Enable
0
1
HCP interrupt disabled
HCP interrupt enabled
0—
—
3
HF2
Host Flag 2
0
4
HF3
Host Flag 3
0
—
—
HPCR
0
HGEN
Host GPIO
Enable
0
1
GPIO signal disconnected
GPIO signals active
0—
—
1
HA8EN
Host Address
Line 8 Enable
0
1
HA8/A1 = GPIO
HA8/A1 = HA8
0—
—
2
HA9EN
Host Address
Line 9 Enable
0
1
HA9/A2 = GPIO
HA9/A2 = HA9
0—
—
3
HCSEN
Host Chip Select
Enable
0
1
HCS/A10 = GPIO
HCS/A10 = HCS
0—
—
Table 6-18. Host-Side Registers After Reset (Continued)
Register
Name
Register
Data
Reset Type
HW
Reset
SW
Reset
Individual Reset
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com