Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 120Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-24
Freescale Semiconductor
Host Interface (HI08)
6.7.2 Command Vector Register (CVR)
The host processor uses the CVR, an 8-bit read/write register, to cause the DSP56303 to execute
an interrupt. The host command feature is independent of any of the data transfer mechanisms in
the HI08. It causes execution of any of the 128 possible interrupt routines in the DSP core.
Hardware, software, individual, and stop resets clear the CVR bits.
6.7.3 Interface Status Register (ISR)
The host processor uses the ISR, an 8-bit read-only status register, to interrogate the HI08 status
and flags. The DSP core cannot address the ISR.
76543210
HC
HV6
HV5
HV4
HV3
HV2
HV1
HV0
Figure 6-16. Command Vector Register (CVR)
Table 6-16. Command Vector Register (CVR) Bit Definitions
Bit Number
Bit Name
Reset Value
Description
7HC
0
Host Command
The host processor uses the HC bit to handshake the execution of host
command interrupts. Normally, the host processor sets HC to request a
host command interrupt from the DSP56303. When the DSP56303
acknowledges the host command interrupt, HI08 hardware clears the
HC bit. The host processor can read the state of HC to determine when
the host command has been accepted. After setting HC, the host must
not write to the CVR again until the HI08 hardware clears the HC. Setting
the HC bit causes host command pending (HCP) to be set in the HSR.
The host can write to the HC and HV bits in the same write cycle.
6–0
HV[6–0]
$32
Host Vector
Select the host command interrupt address for use by the host command
interrupt logic. When the DSP interrupt control logic recognizes the host
command interrupt, the address of the interrupt routine taken is 2
× HV.
The host can write HC and HV in the same write cycle.
The host processor can select any of the 128 possible interrupt routine
starting addresses in the DSP by writing the interrupt routine address
divided by 2 into the HV bits. This means that the host processor can
force any interrupt handler (ESSI, SCI, IRQA, IRQB, and so forth) and
can use any reserved or otherwise unused addresses (if have been
pre-programmed in the DSP). HV is set to $32 (vector location $064) by
hardware, software, individual, and stop resets.
76543210
HREQ
HF3
HF2
TRDY
TXDE
RXDF
—Reserved bit; read as 0; write to 0 for future compatibility.
Figure 6-17. Interface Status Register (ISR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com