Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 117Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 118Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 119Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 120Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 292 page
background image
Host Programmer Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-21
techniques. The HI08 appears to the host processor as a memory-mapped peripheral occupying
eight bytes in the host processor address space. (See Table 6-14.)
The eight HI08 registers include the following:
„ A control register (ICR), on page 6-22
„ A status register (ISR), on page 6-24
„ Three data registers (RXH/TXH, RXM/TXM, and RXL/TXL), on page 6-26
„ Two vector registers (CVR and IVR), on page 6-24 and page 6-26
To transfer data between itself and the HI08, the host processor bus performs the following steps:
1.
Asserts the HI08 address and strobes to select the register to be read or written. (Chip
select in non-multiplexed mode, the address strobe in multiplexed mode.)
2.
Selects the direction of the data transfer. If it is writing, the host processor places the
data on the bus. Otherwise, the HI08 places the data on the bus.
3.
Strobes the data transfer.
Host processors can use standard host processor instructions (for example, byte move) and
addressing modes to communicate with the HI08 registers. The HI08 registers are aligned so that
8-bit host processors can use 8-, 16-, or 24-bit load and store instructions for data transfers. The
HREQ/HTRQ and HACK/HRRQ handshake flags are provided for polled or interrupt-driven
data transfers with the host processor. Because of the speed of the DSP56303 interrupt response,
most host microprocessors can load or store data at their maximum programmed I/O instruction
rate without testing the handshake flags for each transfer. If full handshake is not needed, the host
processor can treat the DSP56303 as a fast device, and data can be transferred between the host
processor and the DSP56303 at the fastest data rate of the host processor.
One of the most innovative features of the host interface is the host command feature. With this
feature, the host processor can issue vectored interrupt requests to the DSP56303. The host can
select any of 128 DSP interrupt routines for execution by writing a vector address register in the
HI08. This flexibility allows the host processor to execute up to 128 pre-programmed functions
inside the DSP56303. For example, the DSP56303 host interrupts allow the host processor to
read or write DSP registers (X, Y, or program memory locations), force interrupt handlers (for
example, ESSI, SCI, IRQA, IRQB interrupt routines), and perform control or debugging
operations.
Note:
When the DSP enters Stop mode, the HI08 signals are electrically disconnected
internally, thus disabling the HI08 until the core leaves stop mode. While the HI08
configuration remains unchanged in Stop mode, the core cannot be restarted via the
HI08 interface. Do not issue a STOP command to the DSP via the HI08 unless you
provide some other mechanism to exit stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com