Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 128Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 129Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 130Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 131Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 132Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 133Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 134Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 292 page
background image
Programming Model Quick Reference
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-31
ISR
0
RXDF
Receive Data Register Full
0
1
Host Receive Register is empty
Host Receive Register is full
00
0
1
TXDE
Transmit Data Register
Empty
1
0
Host Transmit Register is
empty
Host Transmit Register is full
11
1
2
TRDY
Transmitter Ready
1
0
transmit FIFO (6 deep) is
empty
transmit FIFO is not empty
11
1
3
HF2
Host Flag 2
0
—
—
4
HF3
Host Flag 3
0
—
—
7
HREQ
Host Request
0
1
HREQ signal is deasserted
HREQ signal is asserted (if
enabled)
00
0
CVR
6–0
HV[6–0]
Host Command Vector
$32
—
—
CVR
7
HC
Host Command
0
1
no host command pending
host command pending
00
0
RXH/M/
L
7–0
Host Receive Data Register
empt
y
TXH/M/
L
7–0
Host Transmit Data
Register
empt
y
IVR
7–0
IV[7–0]
Interrupt Register
68000 family vector register
$0F
—
—
Table 6-20. HI08 Programming Model: Host Side (Continued)
Reg
Bit
Reset Type
#
Name
Value
Function
HW/
SW
Indi
vi-d
ual
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com