Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 130Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 131Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 132Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 133Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 134Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 135Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 136Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
7-2
Freescale Semiconductor
Enhanced Synchronous Serial Interface (ESSI)
Additional synchronization signals delineate the word frames. The Normal mode of operation
transfers data at a periodic rate, one word per period. The Network mode is similar in that it is
also for periodic transfers; however, it supports up to 32 words (time slots) per period. The
Network mode can be used to build time division multiplexed (TDM) networks. In contrast, the
On-Demand mode is for nonperiodic transfers of data. This mode, which offers a subset of the
Freescale Serial Peripheral Interface (SPI) protocol, can transfer data serially at high speed when
the data become available. Since each ESSI unit can be configured with one receiver and three
transmitters, the two units can be used together for surround sound applications (which need two
digital input channels and six digital output channels).
7.1 ESSI Enhancements
The DSP56000 SSI is enhanced in the following ways to make the ESSI:
„ Network enhancements
— Time slot mask registers (receive and transmit)
— End-of-frame interrupt
— Drive enable signal (used with transmitter 0)
„ Audio enhancements
— Three transmitters per ESSI (for six-channel surround-sound)
„ General enhancements
— Can trigger DMA interrupts (receive or transmit)
— Separate exception enable bits
„ Other changes
— One divide-by-2 step is removed from the internal clock source chain
— The CRA[PSR] bit definition is reversed
— Gated-Clock mode is not available
7.2 ESSI Data and Control Signals
Three to six signals are required for ESSI operation, depending on the operating mode selected.
The serial transmit data (STD) signal and serial control (SC0 and SC1) signals are fully
synchronized to the clock if they are programmed as transmit-data signals.
7.2.1 Serial Transmit Data Signal (STD)
The STD signal transmits data from the serial transmit shift register. STD is an output when data is
transmitted from the TX0 shift register. With an internally-generated bit clock, the STD signal
becomes a high impedance output signal for a full clock period after the last data bit is
transmitted if another data word does not follow immediately. If sequential data words are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com