Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 137 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 137 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 133Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 134Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 135Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 136Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 139Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 141Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 292 page
background image
ESSI Data and Control Signals
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-5
When configured as an output, SC1 functions as a serial Output Flag, as the transmitter 0
drive-enabled signal, or as the receive frame sync signal output. If SC1 is used as serial Output
Flag 1, its value is determined by the value of the serial Output Flag 1 (OF1) bit in the CRB.
When configured as an input, this signal can receive frame sync signals from an external source,
or it acts as a serial input flag. As a serial input flag, SC1controls status bit IF1 in the SSISR.
When SC1 is configured as a transmit data signal, it is always an output signal, regardless of the
SCD1 bit value. As an output, it is fully synchronized with the other ESSI transmit data signals
(STD and SC0). SC1 can be programmed as a GPIO signal (P1) when the ESSI SC1 function is not
in use.
7.2.6 Serial Control Signal (SC2)
ESSI0:SC02; ESSI1:SC12
SC2
is a frame sync I/O signal for both the transmitter and receiver in Synchronous mode and for
the transmitter only in Asynchronous mode. The direction of this signal is determined by the
SCD2 bit in the CRB. When configured as an output, this signal outputs the internally generated
frame sync signal. When configured as an input, this signal receives an external frame sync signal
for the transmitter in Asynchronous mode and for both the transmitter and receiver when in
Synchronous mode. SC2 can be programmed as a GPIO signal (P2) when the ESSI SC2 function is
not in use.
1
1
0
0
1
F0/U
F1/T0D/U
FS
XC
TD0
RD
1
1
0
1
0
F0/U
TD2
FS
XC
TD0
U
1
1
0
1
1
F0/U
TD2
FS
XC
TD0
RD
1
1
1
0
0
TD1
F1/T0D/U
FS
XC
TD0
U
1
1
1
0
1
TD1
F1/T0D/U
FS
XC
TD0
RD
1
1
1
1
0
TD1
TD2
FS
XC
TD0
U
1
1
1
1
1
TD1
TD2
FS
XC
TD0
RD
TXC
=
Transmitter clock
RXC
=
Receiver clock
XC
=
Transmitter/receiver clock (synchronous operation)
FST
=
Transmitter frame sync
FSR
=
Receiver frame sync
FS
=
Transmitter/receiver frame sync (synchronous operation)
TD0
=
Transmit data signal 0
TD1
=
Transmit data signal 1
TD2
=
Transmit data signal 2
T0D
=
Transmitter 0 drive enable if SSC1 = 1 & SCD1 = 1
RD
=
Receive data
F0
=
Flag 0
F1
=
Flag 1 if SSC1 = 0
U
=
Unused (can be used as GPIO signal)
X
=
Indeterminate
Table 7-2. Mode and Signal Definitions (Continued)
Control Bits
ESSI Signals
SYN
TE0
TE1
TE2
RE
SC0
SC1
SC2
SCK
STD
SRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com