Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 140 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 140 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 136Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 139Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 141Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 142Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 143Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 144Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
7-8
Freescale Semiconductor
Enhanced Synchronous Serial Interface (ESSI)
exception occurs regardless of the transmit mask register setting. The transmit last slot
interrupt can signal that the transmit mask slot register can be reset, the DMA channels
can be reconfigured, and data memory pointers can be reassigned. Using the Transmit Last
Slot interrupt guarantees that the previous frame is serviced with the previous frame
settings and the new frame is serviced with the new frame settings without
synchronization problems.
Note:
The maximum transmit last slot interrupt service time should not exceed
N – 1 ESSI bits service time (where N is the number of bits in a slot).
„ ESSI transmit data:
Occurs when the transmit interrupt is enabled, at least one of the enabled transmit data
registers is empty, and no transmitter error conditions exist. Write to all the enabled TX
registers or to the TSR to clear this interrupt. This error-free interrupt uses a fast interrupt
service routine for minimum overhead (if no more than two transmitters are used).
To configure an ESSI exception, perform the following steps:
1.
Configure the interrupt service routine (ISR):
a.
Load vector base address register
VBA (b23:8)
b.
Define I_VEC to be equal to the VBA value (if that is nonzero). If it is defined,
I_VEC must be defined for the assembler before the interrupt equate file is
included.
c.
Load the exception vector table entry: two-word fast interrupt, or jump/branch to
subroutine (long interrupt).
p:I_SI0TD
2.
Configure interrupt trigger; preload transmit data
a.
Enable and prioritize overall peripheral interrupt functionality.
IPRP (S0L1:0)
b.
Write data to all enabled transmit registers.
TX00
c.
Enable a peripheral interrupt-generating function.CRB (TE0)
d.
Enable a specific peripheral interrupt.
CRB0 (TIE)
e.
Enable peripheral and associated signals.
PCRC (PC[5–0])
f.
Unmask interrupts at the global level.
SR (I1–0)
The example material to the right of the steps shows register settings for configuring an
ESSI0 transmit interrupt using transmitter 0. The order of the steps is optional except
that the interrupt trigger configuration must not be completed until the ISR
configuration is complete. Since step 2c may cause an immediate transmit without
generating an interrupt, perform the transmit data preload in step 2b before step 2c to
ensure that valid data is sent in the first transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com