Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 139Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 141Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 142Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 143Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 144Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 292 page
background image
Operating Modes: Normal, Network, and On-Demand
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-9
After the first transmit, subsequent transmit values are typically loaded into TXnn by the
ISR (one value per register per interrupt). Therefore, if N items are to be sent from a
particular TXnn, the ISR needs to load the transmit register (N – 1) times. Steps 2c and
2d can be performed in step 2a as a single instruction. If an interrupt trigger event
occurs before all interrupt trigger configuration steps are performed, the event is ignored
and not queued. If interrupts derived from the core or other peripherals need to be
enabled at the same time as ESSI interrupts, step 2f should be performed last.
7.4 Operating Modes: Normal, Network, and On-Demand
The ESSI has three basic operating modes and several data and operation formats. These modes
are programmed via the ESSI control registers. The data and operation formats available to the
ESSI are selected when you set or clear control bits in the CRA and CRB. These control bits are
WL[2–1], MOD, SYN, FSL[1–0], FSR, FSP, CKP, and SHFD.
7.4.1 Normal/Network/On-Demand Mode Selection
To select either Normal mode or Network mode, clear or set CRB[MOD]. In Normal mode, the
ESSI sends or receives one data word per frame (per enabled receiver or transmitter). In Network
mode, 2 to 32 time slots per frame can be selected. During each frame, 0 to 32 data words are
received or transmitted (from each enabled receiver or transmitter). In either case, the transfers
are periodic.
The Normal mode typically transfers data to or from a single device. Network mode is typically
used in time division multiplexed networks of CODECs or DSPs with multiple words per frame.
Network mode has a submode called On-Demand mode. Set the CRB[MOD] for Network mode,
and set the frame rate divider to 0 (DC = $00000) to select On-Demand mode. This submode
does not generate a periodic frame sync. A frame sync pulse is generated only when data is
available to transmit. The frame sync signal indicates the first time slot in the frame. On-Demand
mode requires that the transmit frame sync be internal (output) and the receive frame sync be
external (input). For simplex operation, Synchronous mode could be used; however, for
full-duplex operation, Asynchronous mode must be used. You can enable data transmission that
is data-driven by writing data into each TX. Although the ESSI is double-buffered, only one
word can be written to each TX, even if the transmit shift register is empty. The receive and
transmit interrupts function normally, using TDE and RDF; however, transmit underruns are
impossible for On-Demand transmission and are disabled. This mode is useful for interfacing
with codecs requiring a continuous clock.
Note:
When the ESSI transmits data in On-Demand mode (that is, MOD = 1 in the CRB and
DC[4–0] = $00000 in the CRA) with WL[2–0] = 100, the transmission does not work
properly. To ensure correct operation, do not use On-Demand mode with the WL[2–0]
= 100 32-bit word length mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com