Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 144 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 144 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 141Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 142Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 143Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 144Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 145Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 146Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 147Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 148Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
7-12
Freescale Semiconductor
Enhanced Synchronous Serial Interface (ESSI)
7.4.9 Flags
Two ESSI signals (SC[1–0]) are available for use as serial I/O flags. Their operation is controlled
by the SYN, SCD[1–0], SSC1, and TE[2–1] bits in the CRB/CRA.The control bits OF[1–0] and
status bits IF[1–0] are double-buffered to and from SC[1–0]. Double-buffering the flags keeps
the flags in sync with TX and RX.
The SC[1–0] flags are available in Synchronous mode only. Each flag can be separately
programmed. The SC0 flag is enabled when transmitter 1 is disabled (TE1 = 0). The flag’s
direction is selected by the SCD0 bit. When SCD0 is set, SC0 is configured as output. When
SCD0 is cleared, SC0 is configured as input. Similarly, the SC1 flag is enabled when transmitter 2
is disabled (TE2 = 0), and the SC1 signal is not configured as the transmitter 0 drive-enabled
signal (Bit SSC1 = 0). The direction of SC1 is determined by the SCD1 bit. When SCD1 is set,
SC1
is an output flag. When SCD1 is cleared, SC1 is an input flag.
When programmed as input flags, the value of the SC[1–0] bits is latched at the same time as the
first bit of the received data word is sampled. Once the input is latched, the signal on the input
flag signal (SC0 and SC1) can change without affecting the input flag. The value of SC[1–0] does
not change until the first bit of the next data word is received. When the received data word is
latched by RX, the latched values of SC[1–0] are latched by the SSISR IF[1–0] bits, respectively,
and can be read by software.
When they are programmed as output flags, the value of the SC[1–0] bits is taken from the value
of the OF[1–0] bits. The value of OF[1–0] is latched when the contents of TX transfer to the
transmit shift register. The value on SC[1–0] is stable from the time the first bit of the transmit
data word transmits until the first bit of the next transmit data word transmits. Software can
directly set the OF[1–0] values, allowing the DSP56303 to control data transmission by indirectly
controlling the value of the SC[1–0] flags.
7.5 ESSI Programming Model
The ESSI is composed of the following registers:
„ Two control registers (CRA, CRB), page 7-13 and page 7-17
„ One status register (SSISR), page 7-26
„ One Receive Shift Register, page 7-28
„ One Receive Data Register (RX), page 7-28
„ Three Transmit Shift Registers, page 7-28
„ Three Transmit Data Registers (TX0, TX1, TX2), page 7-28
„ One special-purpose Time Slot Register (TSR), page 7-31
„ Two Transmit Slot Mask Registers (TSMA, TSMB), page 7-31
„ Two Receive Slot Mask Registers (RSMA, RSMB), page 7-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com