Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 143Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 144Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 145Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 146Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 147Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 148Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 149Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 150Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 292 page
background image
ESSI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-15
16–12
DC[4–0]
0
Frame Rate Divider Control
Control the divide ratio for the programmable frame rate dividers that generate
the frame clocks. In Network mode, this ratio is the number of words per frame
minus one. In Normal mode, this ratio determines the word transfer rate. The
divide ratio ranges from 1 to 32 (DC = 00000 to 11111) for Normal mode and 2
to 32 (DC = 00001 to 11111) for Network mode. A divide ratio of one (DC =
00000) in Network mode is a special case known as On-Demand mode. In
Normal mode, a divide ratio of one (DC = 00000) provides continuous periodic
data word transfers. A bit-length frame sync must be used in this case; you
select it by setting the FSL[1–0] bits in the CRA to (01). Figure 7-4 shows the
ESSI frame sync generator functional block diagram.
11
PSR
0
Prescaler Range
Controls a fixed divide-by-eight prescaler in series with the variable prescaler.
This bit extends the range of the prescaler when a slower bit clock is needed.
When PSR is set, the fixed prescaler is bypassed. When PSR is cleared, the
fixed divide-by-eight prescaler is operational, as in Figure 7-3. This definition
is reversed from that of the SSI in other DSP56000 family members. The
maximum allowed internally generated bit clock frequency is the internal
DSP56303 clock frequency divided by 4; the minimum possible internally
generated bit clock frequency is the DSP56303 internal clock frequency
divided by 4096.
Note:
The combination PSR = 1 and PM[7–0] = $00 (dividing Fcore by 2)
can cause synchronization problems and thus should not be used.
10–8
0
Reserved. Write to 0 for future compatibility.
7–0
PM[7–0]
0
Prescale Modulus Select
Specify the divide ratio of the prescale divider in the ESSI clock generator. A
divide ratio from 1 to 256 (PM = $0 to $FF) can be selected. The bit clock
output is available at the transmit clock signal (SCK) and/or the receive clock
(SC0) signal of the DSP. The bit clock output is also available internally for use
as the bit clock to shift the transmit and receive shift registers. Figure 7-3
shows the ESSI clock generator functional block diagram. Fcore is the
DSP56303 core clock frequency (the same frequency as the enabled
CLKOUT signal). Careful choice of the crystal oscillator frequency and the
prescaler modulus can generate the industry-standard CODEC master clock
frequencies of 2.048 MHz, 1.544 MHz, and 1.536 MHz.
Table 7-3. ESSI Control Register A (CRA) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com