Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 145Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 146Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 147Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 148Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 149Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 150Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 151Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 152Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 292 page
background image
ESSI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-17
7.5.2 ESSI Control Register B (CRB)
CRB is one of two read/write control registers that direct the operation of the ESSI (see Figure
7-5). The CRB bit definitions are presented in Table 7-4. CRB controls the ESSI multifunction
signals, SC[2–0], which can be used as clock inputs or outputs, frame synchronization signals,
transmit data signals, or serial I/O flag signals.
Figure 7-5. ESSI Control Register B (CRB)
The CRB contains the serial output flag control bits and the direction control bits for the serial
control signals. Also in the CRB are interrupt enable bits for the receiver and the transmitter. Bit
settings of the CRB determines how many transmitters are enabled: 0, 1, 2, or 3. The CRB
settings also determine the ESSI operating mode. Either a hardware RESET signal or a software
RESET instruction clears all the bits in the CRB. Table 7-2, Mode and Signal Definitions, on
page 7-4 summarizes the relationship between the ESSI signals SC[2–0], SCK, and the CRB bits.
The ESSI has two serial output flag bits, OF1 and OF0. The normal sequence follows for setting
output flags when transmitting data (by transmitter 0 through the STD signal only).
1.
Wait for TDE (TX0 empty) to be set.
2.
Write the flags.
3.
Write the transmit data to the TX register
Bits OF0 and OF1 are double-buffered so that the flag states appear on the signals when the TX
data is transferred to the transmit shift register. The flag bit values are synchronized with the data
transfer. The timing of the optional serial output signals SC[2–0] is controlled by the frame timing
and is not affected by the settings of TE2, TE1, TE0, or the receive enable (RE) bit of the CRB.
The ESSI has three transmit enable bits (TE[2–0]), one for each data transmitter. The process of
transmitting data from TX1 and TX2 is the same. TX0 differs from these two bits in that it can
also operate in Asynchronous mode. The normal transmit enable sequence is to write data to one
or more transmit data registers (or the Time Slot Register (TSR)) before you set the TE bit. The
normal transmit disable sequence is to set the Transmit Data Empty (TDE) bit and then to clear
the TE, Transmit Interrupt Enable (TIE), and Transmit Exception Interrupt Enable (TEIE) bits. In
Network mode, if you clear the appropriate TE bit and set it again, then you disable the
corresponding transmitter (0, 1, or 2) after transmission of the current data word. The transmitter
remains disabled until the beginning of the next frame. During that time period, the
23
22
21
20
19
18
17
16
15
14
13
12
REIE
TEIE
RLIE
TLIE
RIE
TIE
RE
TE0
TE1
TE2
MOD
SYN
11
10
987
65
432
10
CKP
FSP
FSR
FSL1
FSL0
SHFD
SCKD
SCD2
SCD1
SCD0
OF1
OF0
(ESSI0 X:$FFFFB6, ESSI1 X:$FFFFA6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com