Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 153 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 153 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 149Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 150Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 151Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 152Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 153Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 154Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 155Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 156Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 292 page
background image
ESSI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-21
9FSR
0
Frame Sync Relative Timing
Determines the relative timing of the receive and transmit frame sync signal
in reference to the serial data lines for word length frame sync only. When
FSR is cleared, the word length frame sync occurs together with the first bit
of the data word of the first slot. When FSR is set, the word length frame
sync occurs one serial clock cycle earlier (that is, simultaneously with the
last bit of the previous data word).
8–7
FSL[1–0]
0
Frame Sync Length
Selects the length of frame sync to be generated or recognized, as in
Figure 7-6 on page -23, Figure 7-9 on page -26, and Figure 7-10, Network
Mode, External Frame Sync (8 Bit, 2 Words in Frame), on page 7-26.
FSL1
FSL0
Frame Sync Length
RX
TX
0
0
word
word
01
word
bit
10
bit
bit
1
1
bit
word
6SHFD
0
Shift Direction
Determines the shift direction of the transmit or receive shift register. If
SHFD is set, data is shifted in and out with the LSB first. If SHFD is cleared,
data is shifted in and out with the MSB first, as in Figure 7-12, ESSI Data
Path Programming Model (SHFD = 0), on page 7-29 and Figure 7-13 on
page -30.
5SCKD
0
Clock Source Direction
Selects the source of the clock signal that clocks the transmit shift register
in Asynchronous mode and both the transmit and receive shift registers in
Synchronous mode. If SCKD is set and the ESSI is in Synchronous mode,
the internal clock is the source of the clock signal used for all the transmit
shift registers and the receive shift register. If SCKD is set and the ESSI is
in Asynchronous mode, the internal clock source becomes the bit clock for
the transmit shift register and word length divider. The internal clock is
output on the SCK signal. When SCKD is cleared, the external clock source
is selected. The internal clock generator is disconnected from the SCK
signal, and an external clock source may drive this signal.
4
SCD2
0
Serial Control Direction 2
Controls the direction of the SC2 I/O signal. When SCD2 is set, SC2 is an
output; when SCD2 is cleared, SC2 is an input.
Note:
Programming the ESSI to use an internal frame sync (that is,
SCD2 = 1 in CRB) causes the SC2 and SC1 signals to be
programmed as outputs. However, if the corresponding
multiplexed pins are programmed by the Port Control Register
(PCR) to be GPIOs, the GPIO Port Direction Register (PRR)
chooses their direction. The ESSI uses an external frame sync if
GPIO is selected. To assure correct operation, either program the
GPIO pins as outputs or configure the pins in the PCR as ESSI
signals. The default selection for these signals after reset is GPIO.
This note applies to both ESSI0 and ESSI1.
Table 7-4. ESSI Control Register B (CRB) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com