Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 147Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 148Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 149Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 150Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 151Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 152Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 153Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 154Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 292 page
background image
ESSI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-19
17
RE
0
Receive Enable
Enables/disables the receive portion of the ESSI. When RE is cleared, the
receiver is disabled: data transfer into RX is inhibited. If data is being
received while this bit is cleared, the remainder of the word is shifted in and
transferred to the ESSI receive data register. RE must be set in both
Normal and On-Demand modes for the ESSI to receive data. In Network
mode, clearing RE and setting it again disables the receiver after reception
of the current data word. The receiver remains disabled until the beginning
of the next data frame.
Note:
The setting of the RE bit does not affect the generation of a frame
sync.
16
TE0
0
Transmit 0 Enable
Enables the transfer of data from TX0 to Transmit Shift Register 0. TE0 is
functional when the ESSI is in either synchronous or Asynchronous mode.
When TE0 is set and a frame sync is detected, the transmitter 0 is enabled
for that frame.
When TE0 is cleared, transmitter 0 is disabled after the transmission of data
currently in the ESSI transmit shift register. The STD output is tri-stated,
and any data present in TX0 is not transmitted. In other words, data can be
written to TX0 with TE0 cleared; the TDE bit is cleared, but data is not
transferred to the transmit shift register 0. The transmit enable sequence in
On-Demand mode can be the same as in Normal mode, or TE0 can be left
enabled.
Note:
Transmitter 0 is the only transmitter that can operate in
Asynchronous mode (SYN = 0). The setting of the TE0 bit does
not affect the generation of frame sync or output flags.
15
TE1
0
Transmit 1 Enable
Enables the transfer of data from TX1 to Transmit Shift Register 1. TE1 is
functional only when the ESSI is in Synchronous mode and is ignored when
the ESSI is in Asynchronous mode. When TE1 is set and a frame sync is
detected, transmitter 1 is enabled for that frame.
When TE1 is cleared, transmitter 1 is disabled after completing
transmission of data currently in the ESSI transmit shift register. Any data
present in TX1 is not transmitted. If TE1 is cleared, data can be written to
TX1; the TDE bit is cleared, but data is not transferred to transmit shift
register 1. If the TE1 bit is kept cleared until the start of the next frame, it
causes the SC0 signal to act as serial I/O flag from the start of the frame in
both Normal and Network mode. The transmit enable sequence in
On-Demand mode can be the same as in Normal mode, or the TE1 bit can
be left enabled.
Note:
The setting of the TE1 bit does not affect the generation of frame
sync or output flags.
Table 7-4. ESSI Control Register B (CRB) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com