Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 150Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 151Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 152Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 153Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 154Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 155Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 156Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 157Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
7-22
Freescale Semiconductor
Enhanced Synchronous Serial Interface (ESSI)
3
SCD1
0
Serial Control Direction 1
In Synchronous mode (SYN = 1) when transmitter 2 is disabled (TE2 = 0),
or in Asynchronous mode (SYN = 0), SCD1 controls the direction of the
SC1 I/O signal. When SCD1 is set, SC1 is an output; when SCD1 is
cleared, SC1 is an input. When TE2 is set, the value of SCD1 is ignored
and the SC1 signal is always an output.
2
SCD0
0
Serial Control Direction 0
In Synchronous mode (SYN = 1) when transmitter 1 is disabled (TE1 = 0),
or in Asynchronous mode (SYN = 0), SCD0 controls the direction of the
SC0 I/O signal. When SCD0 is set, SC0 is an output; when SCD0 is
cleared, SC0 is an input. When TE1 is set, the value of SCD0 is ignored
and the SC0 signal is always an output.
1
OF1
0
Serial Output Flag 1
In Synchronous mode (SYN = 1), when transmitter 2 is disabled (TE2 = 0),
the SC1 signal is configured as ESSI flag 1. When SCD1 is set, SC1 is an
output. Data present in bit OF1 is written to SC1 at the beginning of the
frame in Normal mode or at the beginning of the next time slot in Network
mode.
0OF0
0
Serial Output Flag 0
In Synchronous mode (SYN = 1), when transmitter 1 is disabled (TE1 = 0),
the SC0 signal is configured as ESSI flag 0. When SCD0 is set, the SC0
signal is an output. Data present in Bit OF0 is written to SC0 at the
beginning of the frame in Normal mode or at the beginning of the next time
slot in Network mode.
Table 7-4. ESSI Control Register B (CRB) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com