Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 146 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 146 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 142Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 143Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 144Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 145Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 146Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 147Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 148Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 149Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 150Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
7-14
Freescale Semiconductor
Enhanced Synchronous Serial Interface (ESSI)
21–19
WL[2–0]
0
Word Length Control
Select the length of the data words transferred via the ESSI. Word lengths of
8-, 12-, 16-, 24-, or 32-bits can be selected. The ESSI data path programming
model in Figure 7-12 and Figure 7-13 shows additional information on how to
select different lengths for data words. The ESSI data registers are 24 bits
long. The ESSI transmits 32-bit words in one of two ways:
• By duplicating the last bit 8 times when WL[2–0] = 100
• By duplicating the first bit 8 times when WL[2–0] = 101.
Note:
When WL[2–0] = 100, the ESSI is designed to duplicate the last bit of
the 24-bit transmission eight times to fill the 32-bit shifter. Instead,
after the 24-bit word is shifted correctly, eight zeros (0s) are shifted.
ESSI Word Length Selection
WL2
WL1
WL0
Number of Bits/Word
00
0
8
00
1
12
01
0
16
01
1
24
10
0
32
(valid data in the first 24
bits)
10
1
32
(valid data in the last 24
bits)
1
1
0
Reserved
1
1
1
Reserved
Note:
When the ESSI transmits data in On-Demand mode (that is, MOD = 1
in the CRB and DC[4–0]=00000 in the CRA) with WL[2–0] = 100, the
transmission does not work properly. To ensure correct operation, do
not use On-Demand mode with the WL[2–0] = 100 32-bit word length
mode.
18
ALC
0
Alignment Control
The ESSI handles 24-bit fractional data. Shorter data words are left-aligned to
the MSB, bit 23. For applications that use 16-bit fractional data, shorter data
words are left-aligned to bit 15. The ALC bit supports shorter data words. If
ALC is set, received words are left-aligned to bit 15 in the receive shift register.
Transmitted words must be left-aligned to bit 15 in the transmit shift register. If
the ALC bit is cleared, received words are left-aligned to bit 23 in the receive
shift register. Transmitted words must be left-aligned to bit 23 in the transmit
shift register.
Note:
If the ALC bit is set, only 8-, 12-, or 16-bit words are used. The use of
24- or 32-bit words leads to unpredictable results.
17
Reserved. Write to 0 for future compatibility.
Table 7-3. ESSI Control Register A (CRA) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com