Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 139Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 141Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 142Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 143Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 144Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 145Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 146Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 292 page
background image
Operating Modes: Normal, Network, and On-Demand
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-11
„ If CRB[FSL0] is set, RX and TX have different frame sync lengths. CRB[FSL0] is
ignored when CRB[SYN] is set.
7.4.6 Word Length Frame Sync and Data Word Timing
The CRB[FSR] bit controls the relative timing of the word length frame sync relative to the data
word timing.
„ When CRB[FSR] is cleared, the word length frame sync is generated (or expected) with
the first bit of the data word.
„ When CRB[FSR] is set, the word length frame sync is generated (or expected) with the
last bit of the previous word.
CRB[FSR] is ignored when a bit length frame sync is selected.
7.4.7 Frame Sync Polarity
The CRB[FSP] bit controls the polarity of the frame sync.
„ When CRB[FSP] is cleared, the polarity of the frame sync is positive; that is, the frame
sync signal is asserted high. The ESSI synchronizes on the leading edge of the frame sync
signal.
„ When CRB[FSP] is set, the polarity of the frame sync is negative; that is, the frame sync is
asserted low. The ESSI synchronizes on the trailing edge of the frame sync signal.
The ESSI receiver looks for a receive frame sync edge (leading edge if CRB[FSP] is cleared,
trailing edge if FSP is set) only when the previous frame is completed. If the frame sync is
asserted before the frame is completed (or before the last bit of the frame is received in the case
of a bit frame sync or a word-length frame sync with CRB[FSR] set), the current frame sync is
not recognized, and the receiver is internally disabled until the next frame sync.
Frames do not have to be adjacent; that is, a new frame sync does not have to follow the previous
frame immediately. Gaps of arbitrary periods can occur between frames. All the enabled
transmitters are tri-stated during these gaps.
7.4.8 Byte Format (LSB/MSB) for the Transmitter
Some devices, such as CODECs, require a MSB-first data format. Other devices, such as those
that use the AES–EBU digital audio format, require the LSB first. To be compatible with all
formats, the shift registers in the ESSI are bidirectional. You select either MSB or LSB by
programming CRB[SHFD].
„ If CRB[SHFD] is cleared, data is shifted into the receive shift register MSB first and
shifted out of the transmit shift register MSB first.
„ If CRB[SHFD] is set, data is shifted into the receive shift register LSB first and shifted out
of the transmit shift register LSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com