Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 128Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 129Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 130Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 131Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 132Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 133Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-30
Freescale Semiconductor
Host Interface (HI08)
HSR
0
HRDF
Host Receive
Data Full
0
1
no receive data to be read
Receive Data Register is full
00
0
1
HTDE
Host Transmit
Data Empty
1
0
The Transmit Data Register is
empty.
The Transmit Data Register is not
empty.
11
1
2
HCP
Host Command
Pending
0
1
no host command pending
host command pending
00
0
3
HF0
Host Flag 0
0
—
—
4
HF1
Host Flag 1
0
—
—
HBAR
7–0
BA[10–3
]
Host Base
Address
Register
$80
HRX
23–
0
DSP Receive
Data Register
empt
y
HTX
23–
0
DSP Transmit
Data Register
empt
y
HDR
16–
0
D[16–0]
GPIO signal
Data
$000
0
——
HDRR
16–
0
DR[16–
0]
GPIO signal
Direction
0
1
Input
Output
$000
0
——
Table 6-20. HI08 Programming Model: Host Side
Reg
Bit
Reset Type
#
Name
Value
Function
HW/
SW
Indi
vi-d
ual
STOP
ICR
0
RREQ
Receive Request Enable
0
1
HRRQ interrupt disabled
HRRQ interrupt enabled
0—
—
1
TREQ
Transmit Request Enable
0
1
HTRQ interrupt disabled
HTRQ interrupt enabled
0—
—
2
HDRQ
Double Host Request
0
1
HREQ/HTRQ = HREQ,
HACK/HRRQ = HACK
HREQ/HTRQ = HTRQ,
HACK/HRRQ = HRRQ
0—
—
3
HF0
Host Flag 0
0
—
—
4
HF1
Host Flag 1
0
—
—
5
HLEND
Host Little Endian
0
1
Big Endian order
Little Endian order
0—
—
7
INIT
Initialize
1
Reset data paths according to
TREQ and RREQ
0—
—
Table 6-19. HI08 Programming Model, DSP Side (Continued)
Register
Bit
Reset Type
Bit
No.
Bit
Name
Value
Function
HW/
SW
Indivi-
dual
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com