Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 128Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 129Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 130Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 131Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 132Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 292 page
background image
Programming Model Quick Reference
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-29
HPCR
cont.
4
HREN
Host Request
Enable
0
1
HDRQ = 0
HDRQ = 1
HREQ/HTRQ = GPIO
HREQ/HTRQ
HACK/HRRQ = GPIO
HREQ/HTRQ =
HREQ,HREQ/HTRQ
HACK/HRRQ = HTRQ, HRRQ
0—
—
5
HAEN
Host
Acknowledge
Enable
0
1
HDRQ = 0
HDRQ=1
HACK/HRRQ = GPIO
HREQ/HTRQ
HACK/HRRQ = GPIO
HACK/HRRQ = HACK
HREQ/HTRQ
HACK/HRRQ = HTRQ, HRRQ
0—
—
6
HEN
Host Enable
0
1
Host Port = GPIO
Host Port Active
0—
—
7
—
Reserved
0
Reserved
0
—
—
8
HROD
Host Request
Open Drain
0
1
HREQ/HTRQ/HRRQ = driven
HREQ/HTRQ/HRRQ = open drain
0
9
HDSP
Host Data Strobe
Polarity
0
1
HDS/HRD/HWR active low
HDS/HRD/HWR active high
0—
—
10
HASP
Host Address
Strobe Polarity
0
1
HAS active low
HAS active high
0—
—
11
HMUX
Host Multiplexed
Bus
0
1
Separate address and data lines
Multiplexed address/data
0—
—
12
HDDS
Host Dual Data
Strobe
0
1
Single Data Strobe (HDS)
Double Data Strobe (HWR, HRD)
0—
—
13
HCSP
Host Chip Select
Polarity
0
1
HCS active low
HCS active high
0—
—
14
HRP
Host Request
Polarity
0
1
HREQ/HTRQ/HRRQ active low
HREQ/HTRQ/HRRQ active high
0—
—
15
HAP
Host
Acknowledge
Polarity
0
1
HACK active low
HACK active high
0—
—
Table 6-19. HI08 Programming Model, DSP Side (Continued)
Register
Bit
Reset Type
Bit
No.
Bit
Name
Value
Function
HW/
SW
Indivi-
dual
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com