Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 105Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 106Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 107Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-4
Freescale Semiconductor
Host Interface (HI08)
6.3 Overview
The HI08 is partitioned into two register banks, as Figure 6-1 shows. The host-side register bank
is accessible only to the host, and the DSP-side register bank is accessible only to the DSP core.
For the host, the HI08 appears as eight byte-wide locations mapped in its external address space.
The DSP-side registers appear to the DSP core as six 24-bit registers mapped into internal I/O X
memory space and therefore accessible via standard DSP56300 instructions and addressing
modes.
Figure 6-1. HI08 Block Diagram
TXL
TXM
TXH
HPCR
Latch
RXL
IVR
CVR
ICR
24
HDDR
HCR
HSR
HDR
DSP Peripheral Data Bus
HOST Bus
RXM
HBAR
ISR
8
HRX
HTX
Core DMA Data Bus
RXH
HCR = Host Control Register
HSR = Host Status Register
HPCR = Host Port Control Register
HBAR = Host Base Address Register
HTX = Host Transmit Register
HRX = Host Receive Register
HDDR = Host Data Direction Register
HDR = Host Data Register
ICR = Interface Control Register
CVR = Command Vector Register
IVR = Interrupt Vector Register
RXH = Receive Register High
RXM = Receive Register Middle
RXL = Receive Register Low
TXH = Transmit Register High
TXM = Transmit Register Middle
TXL = Transmit Register Low
Address
Comparator
24
24
24
24
24
24
24
24
24
24
24
8
8
8
8
3
8
8
8
8
8
8
3
5
ISR = Interface Status Register
Host-Side Registers
DSP-Side Registers
Control Registers
Data Registers
Control Registers
Data Registers
DSP
Side
Host
Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com