Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 105Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 106Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 107Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 108Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 292 page
background image
Operation
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-5
In GPIO mode, two additional registers (HDDR and HDR) are related to the HI08 peripheral. The
separate receive and transmit data paths are double buffered for efficient, high speed
asynchronous transfers. The host-side transmit data path (host writes) is also the DSP-side
receive path; the host-side receive data path (host reads) is also the DSP-side transmit path. The
Receive (RXH:RXM:RXL) and Transmit Data Registers (TXH:TXM:TXL) use the same host
address. During host writes to these addresses, the data is transferred to the Transmit Data
Registers while reads are performed from the Receive Data Registers.
6.4 Operation
The HI08 is a slave-only device, so the host is the master of all bus transfers. In host-to-DSP
transfers, the host writes data to the Transmit Data Registers (TXH:TXM:TXL). In DSP-to-host
transfers the host reads data from the Receive Data Registers (RXH:RXM:RXL). The DSP side
has access only to the Host Receive Data Register (HRX) and the Host Transmit Data Register
(HTX). Data automatically moves between the host-side data registers and the DSP-side data
registers when it is available. This double-buffered mechanism allows for fast data transfers but
creates a “pipeline” that can either stall communication (if the pipeline is either full or empty) or
cause erroneous data transfers (new data to be overwritten or old data to be read twice). The HI08
port has several handshaking mechanisms to counter these buffering effects.
Suppose the host is writing several pieces of data to the HI08 port. The host first uses one of the
handshaking protocols to determine whether any data previously written to the Transmit Data
Registers (TXH:TXM:TXL) has successfully transferred to the DSP side. If the host-side
Transmit Data Registers (TXH:TXM:TXL) are empty, the host writes the data to these registers.
The transfer to the DSP-side Host Receive Data Register (HRX) occurs only if HRX is empty
(that is, the DSP has read it). The DSP core then uses an appropriate handshaking protocol to
move data from the HRX to the receiving buffer or register. Without handshaking, the host might
overwrite data not transferred to the DSP side or the DSP might receive stale data.
Similarly, when the host performs multiple reads from the HI08 port Receive Data Registers
(RXH:RXM:RXL), the DSP side uses an appropriate handshaking protocol to determine whether
any data previously written to the Host Transmit Register (HTX) has successfully transferred to
the host-side registers. If HTX is empty, the DSP writes the data to this register. Data transfers to
the host-side Receive Data Registers (RXH:RXM:RXL) occur only if they are empty (that is, the
host has read them). The host can then use any of the available handshaking protocols to
determine whether more data is ready to be read. The DSP56303 HI08 port offers the following
handshaking protocols for data transfers with the host:
„ Software polling
„ Interrupts
„ Core DMA access
„ Host requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com