Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 254 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 254 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 250Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 251Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 252Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 253Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 254Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 255Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 256Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 257Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 258Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
B-10
Freescale Semiconductor
Programming Reference
B.3 Programming Sheets
Figure B-1. Status Register (SR)
Application:
Date:
Programmer:
Sheet 1 of 2
Central Processor
15 14 13 12 11 10
987
6543
210
UZ
V
C
19 18 17 16
23 22 21 20
L
LF
S1
SM
I1
I0
CE
SA
FV
S0
N
Scaling Mode
S(1:0)
Scaling Mode
00
01
10
11
No scaling
Scale down
Scale up
Reserved
*0
*0
Interrupt Mask
I(1:0)
Exceptions Masked
00
01
10
11
None
IPL 0
IPL 0, 1
IPL 0, 1, 2
Carry
Overflow
Zero
Negative
Unnormalized ( U = Acc(47) xnor Acc(46) )
Extension
Limit
FFT Scaling ( S = Acc(46) xor Acc(45) )
Sixteen-Bit Compatibilitity
Double Precision Multiply Mode
Loop Flag
DO-Forever Flag
Sixteen-Bit Arithmetic
Instruction Cache Enable
Arithmetic Saturation
Rounding Mode
Core Priority
CP(1:0)
Core Priority
00
01
10
11
0 (lowest)
1
2
3 (highest)
*= Reserved, Program as 0
Mode Register (MR)
Condition Code Register (CCR)
Extended Mode Register (EMR)
Status Register (SR)
Read/Write
Reset = $C00300
CP1
CP0
RM
DM
SC
S
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com