Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 30 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 26Page - Semtech Corporation LLCC68 Datasheet HTML 27Page - Semtech Corporation LLCC68 Datasheet HTML 28Page - Semtech Corporation LLCC68 Datasheet HTML 29Page - Semtech Corporation LLCC68 Datasheet HTML 30Page - Semtech Corporation LLCC68 Datasheet HTML 31Page - Semtech Corporation LLCC68 Datasheet HTML 32Page - Semtech Corporation LLCC68 Datasheet HTML 33Page - Semtech Corporation LLCC68 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
30 of 111
Semtech
LLCC68
www.semtech.com
4.4.2 Power Amplifier Summary
The following table summarizes the power amplifier optimization keys between both PA supply modes:
Table 4-4: Power Amplifier Summary
PA Summary
Conditions
LLCC68
Max Power
with relevant matching and
settings
+ 22dBm
IDDTX
at + 22dBm, indicative
at + 14dBm, indicative
118mA
90/451mA
1. See Section 13.1.14.1 "PA Optimal Settings" on page 76 .
Output Power vs. VBAT
Flat from 3.3V to 3.7V
VBAT = 3.3V for +22dBm
VBAT = 2.7V for +20dBm
VBAT = 1.8V for +16dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com